Electronic Components Datasheet Search
  English  ▼

X  

DAC82001 Datasheet(PDF) 9 Page - Texas Instruments

Part # DAC82001
Description  DAC82001 16-Bit, Low-Glitch, Single-Channel Voltage-Output, Unbuffered DAC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC82001 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC82001 Datasheet HTML 5Page - Texas Instruments DAC82001 Datasheet HTML 6Page - Texas Instruments DAC82001 Datasheet HTML 7Page - Texas Instruments DAC82001 Datasheet HTML 8Page - Texas Instruments DAC82001 Datasheet HTML 9Page - Texas Instruments DAC82001 Datasheet HTML 10Page - Texas Instruments DAC82001 Datasheet HTML 11Page - Texas Instruments DAC82001 Datasheet HTML 12Page - Texas Instruments DAC82001 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
6.8 Typical Characteristics (continued)
at TA = 25°C, channel output shown, and DAC outputs unloaded (unless otherwise noted)
Time (100 ns/div)
SYNC
DAC (20 mV/div)
VDD = 5.5 V, VREF = 5.0 V,
DAC code transition from midscale – 1 to midscale LSB
Figure 6-14. Glitch Impulse, Rising Edge, 1-LSB Step
VDD = 5.5 V, VREF = 5.0 V,
DAC code transition from midscale to midscale - 1 LSB
Figure 6-15. Glitch Impulse, Falling Edge, 1-LSB Step
Time (100 ns/div)
SYNC
DAC ( 0.5 V/div)
VDD = 2.7 V, VREF = 2.5 V
Figure 6-16. Full-Scale Settling Time, Rising Edge
VDD = 2.7 V, VREF = 2.5 V
Figure 6-17. Full-Scale Settling Time, Falling Edge
Time (ms)
0
1
2
3
4
5
6
7
8
9
10
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
VDD (V)
VREF (V)
DAC Output
VDD = 5.5 V, VREF = 5.0 V
Figure 6-18. Power-On Glitch
Time (1 ms/div)
VDD (1 V/div)
VREF (1 V/div)
DAC Output (50mV/div)
VDD = 5.5 V, VREF = 5.0 V
Figure 6-19. Power-Off Glitch
www.ti.com
DAC82001
SBASAK3A – SEPTEMBER 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: DAC82001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com