Electronic Components Datasheet Search
  English  ▼

X  

DAC82001 Datasheet(PDF) 16 Page - Texas Instruments

Part # DAC82001
Description  DAC82001 16-Bit, Low-Glitch, Single-Channel Voltage-Output, Unbuffered DAC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC82001 Datasheet(HTML) 16 Page - Texas Instruments

Back Button DAC82001 Datasheet HTML 12Page - Texas Instruments DAC82001 Datasheet HTML 13Page - Texas Instruments DAC82001 Datasheet HTML 14Page - Texas Instruments DAC82001 Datasheet HTML 15Page - Texas Instruments DAC82001 Datasheet HTML 16Page - Texas Instruments DAC82001 Datasheet HTML 17Page - Texas Instruments DAC82001 Datasheet HTML 18Page - Texas Instruments DAC82001 Datasheet HTML 19Page - Texas Instruments DAC82001 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
7.6.1.2 SYNC Register (offset = 2h) [reset = 0000h]
Figure 7-5. SYNC Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESERVED
DAC-SYNC-
EN
W-0h
W-0h
Table 7-4. SYNC Register Field Descriptions
Bit
Field
Type
Reset
Description
15-1
RESERVED
W
0h
These bits are reserved.
0
DAC-SYNC-EN
W
0h
When set to 1, the DAC output is set to update in response to an
LDAC trigger (synchronous mode).
When cleared to 0, the DAC output is set to update immediately
(asynchronous mode), default.
7.6.1.3 TRIGGER Register (offset = 5h) [reset = 0000h]
Figure 7-6. TRIGGER Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESERVED
LDAC
SOFT-RESET [3:0]
W-0h
W-0h
W-0h
Table 7-5. TRIGGER Register Field Descriptions
Bit
Field
Type
Reset
Description
15-5
RESERVED
W
0h
These bits are reserved.
4
LDAC
W
0h
Set this bit to 1 to synchronously load the DAC that is set to
synchronous mode in the SYNC register. This bit self-resets.
3-0
SOFT-RESET [3:0]
W
0h
When set to reserved code 1010, this bit resets the device to the
default state. This bit self-resets.
7.6.1.4 DAC Register (offset = 8h) [reset = 0000h when RSTSEL is logic low, or reset = 8000h when
RSTSEL is logic high]
Figure 7-7. DAC Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DAC-DATA [15:0]
W-0000h when RSTSEL is logic low or 8000h when RSTSEL is logic high
Table 7-6. DAC Data Register Field Descriptions (8h)
Bit
Field
Type
Reset
Description
15-0
DAC-DATA [15:0]
W
0000h when
RSTSEL is
logic low
or
8000h when
RSTSEL is
logic high
Data are MSB aligned in straight binary format.
DAC82001
SBASAK3A – SEPTEMBER 2022 – REVISED NOVEMBER 2022
www.ti.com
16
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DAC82001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com