Electronic Components Datasheet Search
  English  ▼

X  

DAC82001 Datasheet(PDF) 17 Page - Texas Instruments

Part # DAC82001
Description  DAC82001 16-Bit, Low-Glitch, Single-Channel Voltage-Output, Unbuffered DAC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC82001 Datasheet(HTML) 17 Page - Texas Instruments

Back Button DAC82001 Datasheet HTML 13Page - Texas Instruments DAC82001 Datasheet HTML 14Page - Texas Instruments DAC82001 Datasheet HTML 15Page - Texas Instruments DAC82001 Datasheet HTML 16Page - Texas Instruments DAC82001 Datasheet HTML 17Page - Texas Instruments DAC82001 Datasheet HTML 18Page - Texas Instruments DAC82001 Datasheet HTML 19Page - Texas Instruments DAC82001 Datasheet HTML 20Page - Texas Instruments DAC82001 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
Generating accurate, stable, programmable dc voltages is a key requirement in most precision end equipment.
The DAC82001 serves a wide range of end equipment, such as battery testers, communications equipment,
factory automation and control, test and measurement. The DAC82001 tiny package, high resolution, fast
settling, and simple interface makes this device an excellent choice for applications such as offset and gain
control, arbitrary waveform generation (AWG), closed-loop control, and bipolar analog outputs. A wide variety of
operational amplifiers can be used as output buffers for the DAC82002, allowing the user to choose components
that best fit their design.
8.2 Typical Applications
8.2.1 Arbitrary Waveform Generator
Arbitrary waveform generation (AWG) circuits are common in test and measurement equipment. These circuits
are used to generate ac waveforms for test applications. The key performance parameters in test and
measurement circuits are total harmonic distortion and noise (THD+N), signal-to-noise ratio (SNR), and the
update rate. Figure 8-1 shows a basic example of an AWG circuit using the DAC82001.
DAC82001
VDD
VREF
47 pF
100 nF
+
–
OPA328
VOUT
5 V
Figure 8-1. Arbitrary Waveform Generator
8.2.1.1 Design Requirements
• DAC output range: 0 V to 2.5 V
• THD+N at 1 kHz: < –91 dB
• Update rate: 200 kHz
8.2.1.2 Detailed Design Procedure
Figure 8-1 shows a simplified circuit diagram of an arbitrary waveform generator. The DAC82001 specifies a
THD+N of –91 dB at 1 kHz. The OPA328 provides a great balance between fast settling, bandwidth, and voltage
and current noise. The buffer must have a negative voltage supply rail or an output offset to make sure the DAC
output is not clipped. Attach two decoupling capacitors as close as possible to the VREF pin. Use 100 nF for
the first capacitor to provide very good noise performance for the system. Use 47 pF for the second capacitor
to allow for a good dynamic response performance that improves any code-to-code glitch. The REF5025 is a
low-noise, very low-drift, precise voltage reference that generates a 2.5-V reference for this application.
www.ti.com
DAC82001
SBASAK3A – SEPTEMBER 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: DAC82001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com