Electronic Components Datasheet Search
  English  ▼

X  

ICS95V860 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS95V860
Description  2.5V DDR/Zero Delay Fan Out Buffer (100MHz - 225MHz)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS95V860 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS95V860 Datasheet HTML 2Page - Integrated Circuit Systems ICS95V860 Datasheet HTML 3Page - Integrated Circuit Systems ICS95V860 Datasheet HTML 4Page - Integrated Circuit Systems ICS95V860 Datasheet HTML 5Page - Integrated Circuit Systems ICS95V860 Datasheet HTML 6Page - Integrated Circuit Systems ICS95V860 Datasheet HTML 7Page - Integrated Circuit Systems ICS95V860 Datasheet HTML 8Page - Integrated Circuit Systems ICS95V860 Datasheet HTML 9Page - Integrated Circuit Systems ICS95V860 Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
ICS95V860
0675D—01/07/04
Ordering Information
ICS95V860yHLF-T
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
1.00
1.10
1.20
0.039
0.043
0.047
A1
0.165
0.20
0.235
0.006
0.008
0.009
A2
0.16
0.20
0.24
0.006
0.008
0.009
A3
0.675
0.70
0.725
0.027
0.028
0.029
b
0.25
0.30
0.35
0.010
0.012
0.014
D
D1
E
E1
e
* For Reference Only. Controlling dimensions in mm.
7.00 BSC
.276 BSC
ref.: AIT-R0072MK-01
5.00 BSC
0.50 BSC
.197 BSC
.0197 BSC
MILLIMETER
INCH*
SYMBOL
5.00 BSC
.197 BSC
7.00 BSC
.276 BSC
Example:
Designation for tape and reel packaging
Lead Free (Optional)
Package Type
H = BGA
Revision Designator (will not correlate with datasheet revision)
Device Type
Prefix
ICS = Standard Device
ICS XXXX y H LF- T
C
E
B
D
A
3 2 1
A
B
C
D
4
5
6
7
8
9
10
10
11
11
E
F
G
H
J
K
L
E1
e
D1
b
A1
A
0.12 C
A2
A3
ROW A,
COLUMN
TOP VIEW
1
TYP.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com