Electronic Components Datasheet Search
  English  ▼

X  

ICS95V860 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS95V860
Description  2.5V DDR/Zero Delay Fan Out Buffer (100MHz - 225MHz)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS95V860 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS95V860 Datasheet HTML 1Page - Integrated Circuit Systems ICS95V860 Datasheet HTML 2Page - Integrated Circuit Systems ICS95V860 Datasheet HTML 3Page - Integrated Circuit Systems ICS95V860 Datasheet HTML 4Page - Integrated Circuit Systems ICS95V860 Datasheet HTML 5Page - Integrated Circuit Systems ICS95V860 Datasheet HTML 6Page - Integrated Circuit Systems ICS95V860 Datasheet HTML 7Page - Integrated Circuit Systems ICS95V860 Datasheet HTML 8Page - Integrated Circuit Systems ICS95V860 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
ICS95V860
0675D—01/07/04
Absolute Maximum Ratings
Supply Voltage (VDD & AVDD) . . . . . . . . . . . -0.5V to 3.6V
Logic Inputs (except SDA, SCL) . . . . . . . . . GND –0.5 V to VDD + 0.5 V
Logic Inputs (SDA, SCL) . . . . . . . . . . . . . . . GND –0.5 V to VDDI2C + 0.6 V
Ambient Operating Temperature . . . . . . . . . . 0°C to +85°C
Storage Temperature . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Stresses above those listed under
Absolute Maximum Ratings may cause permanent damage to the device. These
ratings are stress specifications only and functional operation of the device at these or any other conditions above those
listed in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect product reliability.
The ICS95V860 is able to track Spread Spectrum Clock (SSC) for reduced EMI.
The ICS95V860 is an I
2C slave/receiver that supports standard and "fast" mode. The ICS95V860 I2C interface is
compliant to "The I2C-Bus Specification", version 2.1 January 2000 Philips Semiconductors, except that I2C_SDA
and I2C_SCL are not 5.0V tolerant, but have a maximum input voltage of 4.2V or VDDI2C + 0.6V, whichever is
lower. Register bits control the enable for each output pair and a global enable bit (GLOBALEN#) disables all
outputs except the feeback output pair. A low places the disabled output pair in a high impedance state. Outputs
are active during power up and are guaranteed to be at the correct duty cycle and period after the clock
stabilization time.
General Description (Continued)
Device I2C address = 11001, A1, A0, R/W
I
2C Table: Output Control Register
Control
Function
Bit 7
CLK0EN
Output Control
RW
1
Bit 6
CLK1EN
Output Control
RW
1
Bit 5
CLK2EN
Output Control
RW
1
Bit 4
CLK3EN
Output Control
RW
1
Bit 3
CLK4EN
Output Control
RW
1
Bit 2
CLK5EN
Output Control
RW
1
Bit 1
CLK6EN
Output Control
RW
1
Bit 0
CLK7EN
Output Control
RW
1
I
2C Table: Output Control Register
Control
Function
Bit 7
CLK8EN
Output Control
RW
1
Bit 6
CLK9EN
Output Control
RW
1
Bit 5
CLK10EN
Output Control
RW
1
Bit 4
CLK11EN
Output Control
RW
1
Bit 3
CLK12EN
Output Control
RW
1
Bit 2
Reserved
Reserved
RW
0
Bit 1
Reserved
Reserved
RW
0
Bit 0
GLOBALEN#
Output Control
RW
0
NOTE: GLOBALEN# does not tristate the feedback output pair. The PLL continues to run and maintains lock even though all other outputs are tri-stated
Disable = Output in high-impedance state
Enable
01
Enable
Enable
Disable
A6,A7
PWD
A2,A3
A4,A5
Byte 0
Pin #
Name
Type
Disable
Disable
H11,J11
Byte 1
Pin #
A8,A9
B11,C11
D11,E11
F11,G11
Disable
Enable
Disable
Enable
Disable
Enable
Disable
Disable
Enable
Enable
PWD
L8,L9
Disable
Enable
Name
Type
0
1
L6,L7
Disable
Enable
L4,L5
Disable
Enable
L2,L3
Disable
Enable
H1,J1
Disable
Enable
-
Enable
Disable
-
--
-
--



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com