Electronic Components Datasheet Search
  English  ▼

X  

ICS95V860 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS95V860
Description  2.5V DDR/Zero Delay Fan Out Buffer (100MHz - 225MHz)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS95V860 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS95V860 Datasheet HTML 1Page - Integrated Circuit Systems ICS95V860 Datasheet HTML 2Page - Integrated Circuit Systems ICS95V860 Datasheet HTML 3Page - Integrated Circuit Systems ICS95V860 Datasheet HTML 4Page - Integrated Circuit Systems ICS95V860 Datasheet HTML 5Page - Integrated Circuit Systems ICS95V860 Datasheet HTML 6Page - Integrated Circuit Systems ICS95V860 Datasheet HTML 7Page - Integrated Circuit Systems ICS95V860 Datasheet HTML 8Page - Integrated Circuit Systems ICS95V860 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Integrated
Circuit
Systems, Inc.
ICS95V860
0675D—01/07/04
PLL
FB_INT
FB_INC
CLK_INC
CLK_INT
PD#
I2C_SCL, I2C_SDA
I2C_A0, I2CA1
Control
Logic
FB_OUTT
FB_OUTC
CLKT0
CLKT1
CLKT2
CLKT3
CLKT4
CLKT5
CLKT6
CLKT7
CLKT8
CLKT9
CLKC0
CLKC1
CLKC2
CLKC3
CLKC4
CLKC5
CLKC6
CLKC7
CLKC8
CLKC9
CLKT10
CLKT11
CLKC10
CLKC11
CLKT12
CLKC12
Block Diagram
2.5V DDR/Zero Delay Fan Out Buffer (100MHz - 225MHz)
Recommended Application:
DDR Memory Modules / Zero Delay Fan Out Buffer
Product Description/Features:
•
Low skew, low jitter PLL clock driver
•
1 to 13 differential clock distribution (SSTL_2)
•
Feedback pins for input to output synchronization
•
PD# for power management
•
Spread Spectrum-tolerant inputs
•
Auto PD when input signal removed
•
0°C to 85°C operation
Switching Characteristics:
•
CYCLE - CYCLE jitter (>100MHz):<75ps
•
OUTPUT - OUTPUT skew: <70ps
•
DUTY CYCLE: 49% - 51%
S
T
U
P
N
IS
T
U
P
T
U
O
e
t
a
t
S
L
L
P
D
D
V
A#
D
PT
N
I
_
K
L
CC
N
I
_
K
L
CT
K
L
CC
K
L
CT
T
U
O
_
B
FC
T
U
O
_
B
F
D
N
GH
L
H
L
H
L
H
f
f
o
/
d
e
s
s
a
p
y
B
D
N
GH
H
L
H
L
H
L
f
f
o
/
d
e
s
s
a
p
y
B
V
5
.
2
)
m
o
n
(
LX
XZ
Z
Z
Z
f
f
o
V
5
.
2
)
m
o
n
(
HL
HL
H
L
H
n
o
V
5
.
2
)
m
o
n
(
HH
L
H
L
H
L
n
o
V
5
.
2
)
m
o
n
(
X)
z
H
M
0
2
<Z
Z
Z
Z
f
f
o
Functionality


Similar Part No. - ICS95V860

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS95V842 ICST-ICS95V842 Datasheet
80Kb / 9P
DDR Phase Lock Loop Clock Driver (60MHz - 220MHz)
logo
Renesas Technology Corp
ICS95V842 RENESAS-ICS95V842 Datasheet
263Kb / 10P
DDR Phase Lock Loop Clock Driver (60MHz - 220MHz)
2019
logo
Integrated Circuit Syst...
ICS95V842I ICST-ICS95V842I Datasheet
93Kb / 9P
DDR Phase Lock Loop Clock Driver (60MHz - 220MHz)
ICS95V842YFILF-T ICST-ICS95V842YFILF-T Datasheet
93Kb / 9P
DDR Phase Lock Loop Clock Driver (60MHz - 220MHz)
ICS95V847 ICST-ICS95V847 Datasheet
85Kb / 9P
2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
More results

Similar Description - ICS95V860

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28343 CYPRESS-CY28343 Datasheet
91Kb / 10P
Zero Delay SDR/DDR Clock Buffer
logo
Integrated Circuit Syst...
ICS93725 ICST-ICS93725 Datasheet
66Kb / 8P
DDR and SDRAM Zero Delay Buffer
logo
Cypress Semiconductor
CY23FS04 CYPRESS-CY23FS04 Datasheet
216Kb / 12P
Failsafe 2.5V/ 3.3V Zero Delay Buffer
CY23FS08 CYPRESS-CY23FS08 Datasheet
238Kb / 12P
Failsafe 2.5V/ 3.3V Zero Delay Buffer
logo
Winbond
W83176R-735 WINBOND-W83176R-735_06 Datasheet
245Kb / 13P
DIMM DDR ZERO DELAY BUFFER
logo
Cypress Semiconductor
CY23FS04 CYPRESS-CY23FS04_05 Datasheet
215Kb / 12P
Failsafe??2.5V/ 3.3V Zero Delay Buffer
CY23FS08 CYPRESS-CY23FS08_06 Datasheet
271Kb / 12P
Failsafe??2.5V/ 3.3V Zero Delay Buffer
logo
Lattice Semiconductor
ISPCLOCK5300S LATTICE-ISPCLOCK5300S Datasheet
1Mb / 56P
In-System Programmable, Zero-Delay, Universal Fan-Out Buffer, Single-Ended
logo
Cypress Semiconductor
CY23FS04-2 CYPRESS-CY23FS04-2 Datasheet
374Kb / 12P
Failsafe??2.5V/3.3V Zero Delay Buffer
logo
Renesas Technology Corp
ICS93725 RENESAS-ICS93725 Datasheet
99Kb / 8P
DDR and SDRAM Zero Delay Buffer
08/01/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com