Electronic Components Datasheet Search
  English  ▼

X  

ICS95V860 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS95V860
Description  2.5V DDR/Zero Delay Fan Out Buffer (100MHz - 225MHz)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS95V860 Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS95V860 Datasheet HTML 2Page - Integrated Circuit Systems ICS95V860 Datasheet HTML 3Page - Integrated Circuit Systems ICS95V860 Datasheet HTML 4Page - Integrated Circuit Systems ICS95V860 Datasheet HTML 5Page - Integrated Circuit Systems ICS95V860 Datasheet HTML 6Page - Integrated Circuit Systems ICS95V860 Datasheet HTML 7Page - Integrated Circuit Systems ICS95V860 Datasheet HTML 8Page - Integrated Circuit Systems ICS95V860 Datasheet HTML 9Page - Integrated Circuit Systems ICS95V860 Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
ICS95V860
0675D—01/07/04
GND
ICS95V860
VDD
VDD/2
V(CLKC)
V(CLKC)
SCOPE
C=12pF
-VDD/2
-VDD/2
-VDD/2
VDD/2
Z=60
Ω
Z=60
Ω
Z=50
Ω
Z=50
Ω
R=10
Ω
R=10
Ω
R=50
Ω
R=60
Ω
R=60
Ω
R=50
Ω
V(TT)
V(TT)
C=12pF
NOTE: V(TT) = GND
tc(n)
tc(n+1)
tjit(cc) =tc(n) ±tc(n+1)
Figure 1. IBIS Model Output Load
Figure 2. Output Load Test Circuit
Y , FB_OUTC
X
Y , FB_OUTT
X
Parameter Measurement Information
ICS95V860
Figure 3. Cycle-to-Cycle Jitter



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com