Electronic Components Datasheet Search
  English  ▼

X  

ICS95V860 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS95V860
Description  2.5V DDR/Zero Delay Fan Out Buffer (100MHz - 225MHz)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS95V860 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS95V860 Datasheet HTML 1Page - Integrated Circuit Systems ICS95V860 Datasheet HTML 2Page - Integrated Circuit Systems ICS95V860 Datasheet HTML 3Page - Integrated Circuit Systems ICS95V860 Datasheet HTML 4Page - Integrated Circuit Systems ICS95V860 Datasheet HTML 5Page - Integrated Circuit Systems ICS95V860 Datasheet HTML 6Page - Integrated Circuit Systems ICS95V860 Datasheet HTML 7Page - Integrated Circuit Systems ICS95V860 Datasheet HTML 8Page - Integrated Circuit Systems ICS95V860 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
ICS95V860
0675D—01/07/04
Notes:
1.
Unused inputs must be held high or low to prevent them from floating.
2.
DC input signal voltage specifies the allowable DC execution of differential input.
3.
Differential inputs signal voltages specifies the differential voltage [VT-VC]
required for switching, where VT is the true input level and VC is the
complementary input level.
4.
Guaranteed by design, not 100% tested in production.
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 85°C; Supply Voltage AVDD, VDD = 2.5 V +/- 0.2V (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Current
IIH
VI = VDD or GND
5
µA
Input Low Current
IIL
VI = VDD or GND
5
µA
IDD2.5
CL = 0pf @ 200MHz
250
290
mA
IDDPD
Enable = Low, FIN = 0 MHz
200
µA
High Impedance
Output Current
IOZ
VDD = 2.7V, Vout=VDD or GND
±10
µA
Input Clamp Voltage
VIK
VDDQ = 2.3V Iin = -18mA
-1.2
V
IOH = -1 mA
VDD - 0.1
V
IOH = -12 mA
1.7V
V
IOL=1 mA
0.1
V
IOL=12 mA
0.6
V
Input Capacitance
4
CIN
VI = GND or VDD
2.5
3.5
pF
Supply Voltage
VDDQ, AVDD
2.3
2.7
V
I2C Supply Voltage
VDD_I2C
I2C VDD supply pin
2.3
3.6
V
CLKT, CLKC, FB_INC
VDDQ/2 - 0.18
V
PD#, I2C_A0, I2C_A1
-0.3
0.7
V
VIL_I2C
I2C_SDA, I2C_SCL
-0.3
0.3 x VDD_I2C
V
CLKT, CLKC, FB_INC
VDDQ/2 + 0.18
V
PD#
1.7
VDDQ + 0.6
V
VIH_I2C
I2C_SDA, I2C_SCL
0.7 x VDD_I2C
VDD_I2C + 0.6
V
DC input signal voltage
2
-0.3
VDDQ
V
DC - CLKT, FB_INT
0.36
VDDQ + 0.6
V
AC - CLKT, FB_INT
0.7
VDDQ + 0.6
V
Output differential cross-
voltage
VOX
VDDQ/2 - 0.15
VDDQ/2 + 0.15
V
Input differential cross-
voltage
VIX
VDDQ/2 - 0.2
VDDQ/2 + 0.2
V
High level output
current
IOH
VOH = 1.7V
-12
mA
Low level output current
IOL
VOL = 0.6V
12
mA
Input slew rate
SR
14
V/ns
Operating free-air
temperature
TA
085
°C
Differential input signal
voltage
3
VID
Low level input voltage
VIL
High level input voltage
VIH
Operating Supply
Current
High-level output
voltage
VOH
Low-level output voltage
VOL



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com