| Electronic Components Datasheet Search |
|
600613 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
600613 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers |
|
17 / 68 page ![]() The Amphenol Socapex power connector 38999 type 21-48 provides 4 size 8 power contacts in a size 21 shell in accordance with the MIL-DTL-38999 Series I standard. This arrangement was originally developped for military applications. Due to the rigidity of the cables used, the front male insulator has been reinforced to maintain a perfect alignment of contacts during mating. A header is placed in the backshell to guide each wire and to guarantee tightness even when cables are bent. Available in TV-CTV (Mil-DTL-38999 Series III). Please refer to catalog E117 Amphenol 17 Amphenol POWER CONTACTS CRIMPING TOOLS Power Contacts Power Contacts This power connector from Amphenol LJT 25-1A was originally developped for military ap- plications. Indeed, it is used in the conditioning of tanks. This connector has the particularity to provide 4 size 4 power contacts and 4 size 16 contacts in a size 25 shell in accordance with the MIL-C-38999 Series 1 standard. Available in TV-CTV Please refer to catalog E116 Pin or socket EN3155 Contact Amphenol P/N Crimping Tool Automatic tool M22520/23-01 Manual tool M300BT Mating end size Wire barrel size Die Set Locator Locator Selector P EN3155-065 8 8 600863 WA23-264DA WA23-447L SP593 4 8 10 600864 SP593 3 S EN3155-083 8 8 603160 SP593 4 8 10 600865 SP593 3 Automatic tool Crimping tool M22520/23-01 Die Set Locator Manual hand tool Crimping tool M300BT Locator 38999 TYPE 21-48 - 4X60 AMPS CIRCULAR POWER CONNECTOR 4X100A - CIRCULAR POWER |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |