| Electronic Components Datasheet Search |
|
600613 Datasheet(PDF) 52 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
600613 Datasheet(HTML) 52 Page - List of Unclassifed Manufacturers |
|
52 / 68 page ![]() Amphenol 52 Amphenol Optical Termini Optical Termini M29504/4 & /5 FIBER OPTIC TERMINI Amphenol Fiber Systems International’s (AFSI) M29504 /4 & /5 Style Fiber optic termini, the M29K1000 and M29L1000 series, provide superior optical and mechanical performance. Designed to fit into MIL-DTL-38999 Series III, pin size 16 connectors, this low-cost, high-precision terminus family is ideal for harsh environment fiber optic interconnections. Available for single mode and multimode applications these termini conform to the rigorous conditions of the MIL-PRF-29504B specification. The M29K1000 and M29L1000 series termini utilize the highest quality Zirconia ceramic ferrules and split alignment sleeves available. AFSI’s tight-tolerance ferrules are optimized for low insertion loss, low back reflection and exceptional durability. All ferrules are available in standard and ultra polished end faces for those tight optical budget applications. In addition, epoxy removal and polishing times are minimized by the ferrule’s pre-domed design feature. The M29L1000’s Zirconia split alignment sleeve design ensures accurate physical contact, fiber-tofiber alignment and guarantees the highest performing connector of its kind for use in a variety of demanding environmental conditions. The M29K1000 and M29L1000 series fiber optic termination system offers precise, superior and reliable connections over repeated connector mating cycles and through a wide range of harsh environmental conditions. ABOUT THE M29504 M29504/4 FIBER SIZE TABLE M29504/5 FIBER SIZE TABLE AFSI Pin Part Number Fiber Size Core/Cladding A Diam. (Microns) Reference Only M29504 /4-XXXX M29K2000 9/125 126 M29504/4-4209 M29K1001 50/125 & 62.5/125 126 M29504/4-4210 M29K1000 50/125 & 62.5/125 127 M29504/4-4040 M29K3000 100/140 142 M29504/4-4043 M29K3001 100/140 144 M29504/4-4044 M29K5000 62.5/125/155 (Polyimide) 156 M29504/4-4211 M29K5001 62.5/125/155 (Polyimide) 157 M29504/4-4212 M29K6000 100/140/172 (Polyimide) 173 M29504/4-4087 M29K6001 100/140/172 (Polyimide) 175 M29504/4-4213 M29K8000 200/233 236 M29504/4-4214 M29K8050 200/280 286 M29504/4-4215 M29K9000 400/440 448 M29504/4-4216 AFSI Pin Part Number Fiber Size Core/Cladding A Diam. (Microns) Reference Only M29504 /4-XXXX M29L2000 9/125 126 M29504/5-4238 M29L1001 50/125 & 62.5/125 126 M29504/5-4239 M29L1000 50/125 & 62.5/125 127 M29504/5-4046 M29L3000 100/140 142 M29504/5-4049 M29L3001 100/140 144 M29504/5-4050 M29L5000 62.5/125/155 (Polyimide) 156 M29504/5-4240 M29L5001 62.5/125/155 (Polyimide) 157 M29504/5-4241 M29L6000 100/140/172 (Polyimide) 173 M29504/5-4088 M29L6001 100/140/172 (Polyimide) 175 M29504/5-4242 M29L8000 200/233 236 M29504/5-4243 M29L8050 200/280 286 M29504/5-4244 M29L9000 400/440 448 M29504/5-4245 Lux-beam size 16 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |