Electronic Components Datasheet Search
  English  ▼

X  

600613 Datasheet(PDF) 53 Page - List of Unclassifed Manufacturers

Part # 600613
Description  Contacts
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

600613 Datasheet(HTML) 53 Page - List of Unclassifed Manufacturers

Back Button 600613 Datasheet HTML 49Page - List of Unclassifed Manufacturers 600613 Datasheet HTML 50Page - List of Unclassifed Manufacturers 600613 Datasheet HTML 51Page - List of Unclassifed Manufacturers 600613 Datasheet HTML 52Page - List of Unclassifed Manufacturers 600613 Datasheet HTML 53Page - List of Unclassifed Manufacturers 600613 Datasheet HTML 54Page - List of Unclassifed Manufacturers 600613 Datasheet HTML 55Page - List of Unclassifed Manufacturers 600613 Datasheet HTML 56Page - List of Unclassifed Manufacturers 600613 Datasheet HTML 57Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 68 page
background image
LUX-BEAM®
SINGLE EXPANDED BEAM TERMINI
ABOUT LUX-BEAM®
FEATURES AND BENEFITS
Amphenol
53
Optical Termini
Optical Termini
The new requirements for Avionics and Field communication systems demand for always
higher amount of data, HD video transmission and higher bandwidth to be transmitted.
Fiber optic technology is the technology of choice for those requirements.
With over 20 years of production of fiber optics expanded beam solutions, Amphenol
introduces the LUX-BEAM™ Single Expanded beam termini. A solution to upgrade the
optical physical contact technology to an optical contacless technology.
LUX-BEAM™ is easy to clean, less sensitive to pollution by dust or debris. The contactless
coupling of LUX-BEAM™ is not subject to degradation of performances resulting from
friction of optical surfaces as it usual is on traditional butt joint termini. With its patented
pin to socket realignment feature, LUX-BEAM™ is compatible with connectors from
different suppliers and provides an efficient adjustment to tolerances during mating.
Per design, LUX-BEAM™ is as easy to install.
Expanded Beam technology
Surface expanded bundle >140X
Reduced sensitivity to dust
No degradation of the optical face
Easy cleaning
Low maintenance
Compatibility
Cavity #16
MIL-DTL-38999 series III TV/CTV, EN3645
EN 4165 (SIM)
Other benefits technology
Easy installation with standard tools
Possibility to mix with Electrical contact for Hybrid solutions
Expanded Beam Technology
Fiber
S= Initial
Lens
Lens
Expanded Beam
>140xS
Fiber
S= Initial
Lux-beam size 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com