Electronic Components Datasheet Search
  English  ▼

X  

600613 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 600613
Description  Contacts
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

600613 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 600613 Datasheet HTML 5Page - List of Unclassifed Manufacturers 600613 Datasheet HTML 6Page - List of Unclassifed Manufacturers 600613 Datasheet HTML 7Page - List of Unclassifed Manufacturers 600613 Datasheet HTML 8Page - List of Unclassifed Manufacturers 600613 Datasheet HTML 9Page - List of Unclassifed Manufacturers 600613 Datasheet HTML 10Page - List of Unclassifed Manufacturers 600613 Datasheet HTML 11Page - List of Unclassifed Manufacturers 600613 Datasheet HTML 12Page - List of Unclassifed Manufacturers 600613 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
Amphenol
9
Amphenol
Signal Contacts
Signal Contacts
SIGNAL CONTACTS
CRIMP CONTACTS
MIL-DTL-38999 SERIES I, II,III / EN3645 / EN4165
SAE39029 WIRE BARREL RANGE AND NOMINAL TEST CURRENT (A)
PIN or
SOCKET
MILITARY Nb
CONTACT
AMPHENOL
P/N
CONNECTOR
Mating end
size
Wire barrel
size
MIL-DTL-38999
EN3645
S I
S II S III
1st
2nd
3rd
P
M39029/107-620
22
22D
900317
X
X
M39029/107-621
20
20
900318
X
X
M39029/107-622
16
16
900319
X
X
M39029/107-623
12
12
900320
X
X
S
M39029/106-614
22
22D
900322
X
X
M39029/106-615
20
20
900323
X
X
M39029/106-616
16
16
900324
X
X
M39029/106-617
12
12
900325
X
X
Wire barrel
size
Wire Size
12
14
16
18
20
22
24
26
28
22
5
3
2
1.5
22D
5
3
2
1.5
20
7.5
5
3
16
13
10
7.5
12
23
17
Orange
Brown
Violet
Blue
Green
Black
Yellow
Red
Gray
White
COLOR BAND
Color bands
Wire barrel
SAE39029 CONTACTS
1500 CYCLES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com