Electronic Components Datasheet Search
  English  ▼

X  

600613 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # 600613
Description  Contacts
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

600613 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button 600613 Datasheet HTML 31Page - List of Unclassifed Manufacturers 600613 Datasheet HTML 32Page - List of Unclassifed Manufacturers 600613 Datasheet HTML 33Page - List of Unclassifed Manufacturers 600613 Datasheet HTML 34Page - List of Unclassifed Manufacturers 600613 Datasheet HTML 35Page - List of Unclassifed Manufacturers 600613 Datasheet HTML 36Page - List of Unclassifed Manufacturers 600613 Datasheet HTML 37Page - List of Unclassifed Manufacturers 600613 Datasheet HTML 38Page - List of Unclassifed Manufacturers 600613 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 68 page
background image
Amphenol
35
Amphenol
TWINAX CONTACTS
Concentric Twinax Contacts
INTERFACE AND QUALIFICATION : SAE AS39029 / 90/91/113/114
TYPICAL ELECTRICAL PERFORMANCE:
FEATURES AND BENEFITS
175°C rated and meets performance levels of MIL-DTL-38999 series III connectors
MIL-C-17/176-00002 cable termination
Gold plated full crimp termination contacts qualified to M39029/90 & 91
Voltage Rating: 500 Vrms max. @ sea level
Contact Resistance:
Center @ 1 Amp:
55 millivolts max. voltage drop @ 25°C
Intermediate @ 1 Amp:
55 millivolts max. voltage drop @ 25°C
Outer @ 12 Amps:
75 millivolts max. voltage drop @ 25°C
Operating Frequency:
0–20 MHz
Dielectric Withstanding Voltage:
Center to Intermediate:
1000 VAC Rms @ Sea Level
Intermediate to Outer:
500 VAC Rms@ Sea Level
Contact
Size
Cable
Contacts Part Number
Comments
PIN
SOCKET
Proprietary
Standard
Proprietary
Standard
8
M17/176-00002
074834
M39029/90-529
072453
M39029/91-530
Supplied with heat shrink seal
M17/176-00002
600850
M39029/113-625
600851
M39029/114-628
Supplied with heat shrink seal
Concentric Twinax Contacts
MIL-DTL-38999 SERIES I, III / EN3645



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com