| Electronic Components Datasheet Search |
|
600613 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
600613 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers |
|
8 / 68 page ![]() Amphenol 8 Amphenol Signal Contacts SIGNAL CONTACTS CRIMP CONTACTS MIL-DTL-38999 SERIES I, II,III / EN3645 / EN4165 SAE39029 CONTACTS - US MIL STANDARD 500 CYCLES SAE39029 CONTACTS ENHANCED PERFORMANCES Contacts size 23 are dedicated to HD38999 Amphenol connectors. ! PIN or SOCKET MILITARY Nb CONTACT AMPHENOL P/N CONNECTOR Mating end size Wire barrel size MIL-DTL-38999 EN3645 EN4165 1st 2nd 3rd S I S II S III P M39029/18-177 23 22 900049 X X X M39029/58-360 22 22D 900004 X X X X X M39029/58-363 20 20 900001 X X X X X M39029/58-364 16 16 900000 X X X X X M39029/58-365 12 12 900005 X X X X X S M39029/17-172 23 22 900048 X X M39029/56-348 22 22D 900044 X X X M39029/57-354 22 22D 900014 X M39029/56-351 20 20 900041 X X X M39029/57-357 20 20 900011 X M39029/56-352 16 16 900040 X X X M39029/57-358 16 16 900010 X M39029/56-353 12 12 900045 X X X M39029/57-359 12 12 071315 X Color bands Wire barrel PIN or SOCKET MILITARY Nb CONTACT AMPHENOL P/N Color bands CONNECTOR Mating end size Wire barrel size MIL-DTL-38999 EN3645 EN4165 S I S II S III 1st 2nd 3rd P AS39029/122-669 23 26 / X AS39029/122-670 23 22 / X AS39029/122-671 22 22D 60088002 X X X X X AS39029/122-672 20 20 60088202 X X X X X AS39029/122-673 16 16 60088402 X X X X X AS39029/122-674 12 12 60088602 X X X X X AS39029/122-675 10 10 60023302 X X X S AS39029/121-662 23 26 / X AS39029/121-663 23 22 / X AS39029/121-664 22 22D 60089002 X X X AS39029/121-665 20 20 60089202 X X X AS39029/121-666 16 16 60089402 X X X AS39029/121-667 12 12 60089602 X X X AS39029/121-668 10 10 60020802 X X Wire barrel Amphenol contacts are designed to meet and exceed SAE39029 and EN3155 standards. The following contacts are gold plating over suitable underplate. They withstand 500 and 1500 cycles. The 1500 cycles contacts are dedicated to MIL-DTL-38999 series III classes H and J. QUALIFIC ATION IN PROGRESS Signal Contacts |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |