Electronic Components Datasheet Search
  English  ▼

X  

AS1100 Datasheet(PDF) 1 Page - ams AG

Part # AS1100
Description  Serially Interfaced, 8-Digit LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1100 Datasheet(HTML) 1 Page - ams AG

  AS1100 Datasheet HTML 1Page - ams AG AS1100 Datasheet HTML 2Page - ams AG AS1100 Datasheet HTML 3Page - ams AG AS1100 Datasheet HTML 4Page - ams AG AS1100 Datasheet HTML 5Page - ams AG AS1100 Datasheet HTML 6Page - ams AG AS1100 Datasheet HTML 7Page - ams AG AS1100 Datasheet HTML 8Page - ams AG AS1100 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Data Sheet AS1100
Revision 1.32, Oct. 2004
Page 1 of 12
Key Features
-
10MHz Serial Interface
-
Individual LED Segment Control
-
Decode/No-Decode Digit Selection
-
20µA Low-Power Shutdown (Data Retained)
-
Extremely low Operating Current 0.5mA in open loop
-
Digital and Analog Brightness Control
-
Display Blanked on Power-Up
-
Drive Common-Cathode LED Display
-
Software Reset1
-
Optional External clock
-
24-Pin DIP and SO Packages
-
Fully compatible to MAX7219
General Description
The AS1100 is an LED driver for 7 segment numeric
displays of up to 8 digits. The AS1100 can be programmed
via a conventional 4 wire serial interface. It includes a BCD
code-B decoder, a multiplex scan circuitry, segment and
display drivers and a 64 Bit memory. The memory is used to
store the LED settings, so that continuous reprogramming is
not necessary.
1
Software Reset and external clock are not supported by
MAX7219
Every individual segment can be addressed and updated
separately. Only one external resistor is required to set the
current through the LED display. Brightness can be
controlled either in an analog or digital way. The user can
choose the internal code-B decoder to display numeric
digits or to address each segment directly. The AS1100
features an extremely low shutdown current of only 20µA.
and an operational current of less than 500µA. The number
of visible digits can be programmed as well. The AS1100
can be reset by software and an external clock can be used.
Several test modes support easy debugging.
The AS1100 is fully compatible to the MAX 7219. AS1100 is
offered in a 24 pins PDIP and SOIC package.
Applications
-
Bar-Graph Displays
-
Industrial Controllers
-
Panel Meters
-
LED Matrix Displays
-
White Goods
Serially Interfaced, 8-Digit LED Driver
AS1100
DATA SHEET
8-Digit µP Display
8 Segments
8 Digits
9.53k
+5V
MOSI
µP I/O
SCK
LOAD
CLK
GND GND
DIG0-DIG7
SEG A-G
SEP DP
VDD
4
9
1
12
1
18
19
ISET
DIN
Pin Configuration
Typical Application Circuit
AS1100
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
DIP/SO 24
DIN
DIG0
DIG1
DIG2
DIG3
DIG4
DIG5
DIG6
DIG7
GND
GND
LOAD
DOUT
VDD
ISET
CLK
SEG A
SEG B
SEG C
SEG D
SEG E
SEG F
SEG G
SEG DP
TOP


Similar Part No. - AS1100

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1100 AMSCO-AS1100 Datasheet
396Kb / 17P
Serially Interfaced, 8-Digit LED Driver
AS1100 AMSCO-AS1100 Datasheet
1Mb / 17P
Serially Interfaced, 8-Digit LED Driver
logo
TEXAS ADVANCED OPTOELEC...
AS1100 TAOS-AS1100 Datasheet
1Mb / 17P
Serially Inter faced, 8-Digi t LED Dr iver
logo
ams-OSRAM AG
AS1100 AMSOSRAM-AS1100 Datasheet
1Mb / 18P
Ser ial ly Inter faced, 8-Digi t LED Dr iver
Revision 1.37
logo
ams AG
AS1100PE AMSCO-AS1100PE Datasheet
396Kb / 17P
Serially Interfaced, 8-Digit LED Driver
More results

Similar Description - AS1100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6950CEE MAXIM-MAX6950CEE Datasheet
664Kb / 19P
Serially Interfaced, 2.7V to 5.5V, 5- and 8-Digit LED Display Drivers
Rev 2; 3/05
MAX7219 MAXIM-MAX7219 Datasheet
186Kb / 16P
Serially Interfaced, 8-Digit LED Display Drivers
Rev 3; 7/97
logo
ams AG
AS1105 AMSCO-AS1105 Datasheet
142Kb / 12P
Serially Interfaced, 4-Digit LED Driver
logo
Maxim Integrated Produc...
MAX7219 MAXIM-MAX7219_07 Datasheet
734Kb / 16P
Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
logo
ams AG
AS1100 AMSCO-AS1100_1 Datasheet
396Kb / 17P
Serially Interfaced, 8-Digit LED Driver
AS1105 AMSCO-AS1105_1 Datasheet
554Kb / 15P
Serially Interfaced, 4-Digit LED Driver
logo
Maxim Integrated Produc...
MAX7219 MAXIM-MAX7219_10 Datasheet
946Kb / 17P
Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
logo
ams AG
AS1100 AMSCO-AS1100_12 Datasheet
1Mb / 17P
Serially Interfaced, 8-Digit LED Driver
AS1105 AMSCO-AS1105_07 Datasheet
200Kb / 16P
Serially Interfaced, 4-Digit LED Driver
logo
Maxim Integrated Produc...
MAX7219 MAXIM-MAX7219_V01 Datasheet
1Mb / 15P
Serially Interfaced, 8-Digit LED Display Drivers
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com