Electronic Components Datasheet Search
  English  ▼

X  

AS1100 Datasheet(PDF) 3 Page - ams AG

Part # AS1100
Description  Serially Interfaced, 8-Digit LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1100 Datasheet(HTML) 3 Page - ams AG

  AS1100 Datasheet HTML 1Page - ams AG AS1100 Datasheet HTML 2Page - ams AG AS1100 Datasheet HTML 3Page - ams AG AS1100 Datasheet HTML 4Page - ams AG AS1100 Datasheet HTML 5Page - ams AG AS1100 Datasheet HTML 6Page - ams AG AS1100 Datasheet HTML 7Page - ams AG AS1100 Datasheet HTML 8Page - ams AG AS1100 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet AS1100
Revision 1.32, Oct. 2004
Page 3 of 12
Parameter
Symbol Conditions
Min
Typ
Max
Units
Input Current DIN, CLK, LOAD
IIH, IIL VIN = 0V or VDD
-1
1
µA
Logic High Input Voltage
VIH
3.5
V
Logic Low Input Voltage
VIL
0.8
V
Output High Voltage
VOH
DOUT, ISOURCE = -1mA
VDD - 1
V
Output Low Voltage
VOL
DOUT, ISINK = 1.6mA
0.4
V
Hysteresis Voltage
VI
DIN, CLK, LOAD
1
V
Timing Characteristics
CLK Clock Period
tCP
100
ns
CLK Pulse Width High
tCH
50
ns
CLK Pulse Width Low
tCL
50
ns
CLK Rise to LOAD Rise Hold
Time
tCSH
0ns
DIN Setup Time
tDS
25
ns
DIN Hold Time
tDH
0ns
Output Data Propagation Delay
tDO
CLOAD = 50pF
25
ns
LOAD Rising Edge to Next
Clock Rising Edge
tLDCK
50
ns
Minimum LOAD Pulse High
tCSW
50
ns
Data-to-Segment Delay
tDSPD
2.25
ms
Pin Description
Pin
Name
Function
1
DIN
Data input. Data is programmed into the 16Bit shift register on the rising CLK edge
2, 3, 5–8, 10,
11
DIG 0–DIG 7
8 digit driver lines that sink the current from the common cathode of the display.
In shutdown mode the AS1100 switches the outputs to VDD
4, 9
GND
both GND pins must be connected
12
LOAD
Strobe input. With the rising edge of the LOAD signal the 16 bit of serial data is latched into
the register.
13
CLK
Clock input. The interface is capable to support clock frequencies up to 10MHz. The serial
data is clocked into the internal shift register with the rising edge of the CLK signal. On the
DOUT pin the data is applied with the falling edge of CLK.
14–17, 20–23
SEG A–G,
DP
Seven segment driver lines including the decimal point. When a segment is turned off the
output is connected to GND.
18
ISET
The current into ISET determines the peak current through the segments and therefore the
brightness.
19
VDD
Positive Supply Voltage (+5V)
24
DOUT
Serial data output for cascading drivers. The output is valid after 16.5 clock cycles. The
output is never set to high impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com