Electronic Components Datasheet Search
  English  ▼

X  

AS1100 Datasheet(PDF) 2 Page - ams AG

Part # AS1100
Description  Serially Interfaced, 8-Digit LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1100 Datasheet(HTML) 2 Page - ams AG

  AS1100 Datasheet HTML 1Page - ams AG AS1100 Datasheet HTML 2Page - ams AG AS1100 Datasheet HTML 3Page - ams AG AS1100 Datasheet HTML 4Page - ams AG AS1100 Datasheet HTML 5Page - ams AG AS1100 Datasheet HTML 6Page - ams AG AS1100 Datasheet HTML 7Page - ams AG AS1100 Datasheet HTML 8Page - ams AG AS1100 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Data Sheet AS1100
Revision 1.32, Oct. 2004
Page 2 of 12
Absolute Maximum Ratings
Voltage (with respect to GND)
VDD
-0.3V to 6V
DIN, CLK, LOAD
-0.3V to 6V
All Other Pins
-0.3V to (VDD +0.3V)
Current
DIG0–DIG7 Sink Current
500mA
SEGA–G, DP Source Current
100mA
Continuous Power Dissipation (TA = +85°C)
Narrow Plastic DIP (derate 13.3mW/°C above
+70°C
1066mW
Wide SO (derate 11.8mW/°C above +70°C)
941mW
Operating Temperature Ranges (TMIN to TMAX)
AS1100xL
0°C to +70°C
AS1100xE
-40°C to +85°C
Storage Temperature Range
-65°C to +150°C
Package body temperature 2
+240°C
Electrical Characteristics
(VDD = 5V, RSET = 9.53k
Ω±1%, TA = TMIN to TMAX, unless otherwise noted.)
Parameter
Symbol Conditions
Min
Typ
Max
Units
Operating Supply Voltage
VDD
4.0
5.0
5.5
V
Shutdown Supply Current
IDDSD
All digital inputs at VDD or GND, TA =
+25°C
20
50
µA
RSET = open circuit
500
µA
Operating Supply Current
IDD
All segments and decimal point on, ISEG = -
40mA
330
mA
Display Scan Rate
fOSC
8 digits scanned
500
800
1300
Hz
Digit Drive Sink Current
IDIGIT
VOUT = 0.65V
320
mA
Segment Drive Source Current
ISEG
TA = +25°C, VOUT = (VDD -1V)
-30
-40
-45
mA
Segment Drive Current
Matching
∆ISEG
3.0
%
Digit Drive Source Current
IDIGIT
Digit off, VDIGIT = (VDD -0.3V)
-2
mA
Segment Drive Sink Current
ISEG
Segment off, VSEG = 0.3V
5
mA
Logic Inputs
2 The reflow peak soldering temperature (body temperature) is specified according IPC/JEDEC J-STD-020B “Moisture/Reflow Sensitivity
Classification for non-hermetic Solid State Surface Mount Devices”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com