Electronic Components Datasheet Search
  English  ▼

X  

AS1100 Datasheet(PDF) 5 Page - ams AG

Part # AS1100
Description  Serially Interfaced, 8-Digit LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1100 Datasheet(HTML) 5 Page - ams AG

  AS1100 Datasheet HTML 1Page - ams AG AS1100 Datasheet HTML 2Page - ams AG AS1100 Datasheet HTML 3Page - ams AG AS1100 Datasheet HTML 4Page - ams AG AS1100 Datasheet HTML 5Page - ams AG AS1100 Datasheet HTML 6Page - ams AG AS1100 Datasheet HTML 7Page - ams AG AS1100 Datasheet HTML 8Page - ams AG AS1100 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet AS1100
Revision 1.32, Oct. 2004
Page 5 of 12
Decode-Mode Register
In the AS1100 a BCD decoder is included. Every digit can
be selected via register 09h to be decoded. The BCD code
consists of the numbers 0-9, E,H, L,P and -. In register 09h
a logic high enables the decoder for the appropriate digit. In
case that the decoder is bypassed (logic low) the data Bits
D7-D0 correspond to the segment lines of the AS1100. In
table 4 some possible settings for register 09h are shown.
Bit D7, which corresponds to the decimal point, is not
affected by the settings of the decoder. Logic high means
that the decimal point is displayed. In table 5 the font of the
Code B decoder is shown. In table 6 the correspondence of
the register to the appropriate segments of a 7 segment
display is shown (see figure 2)
Intensity Control and Interdigit Blanking
Brightness of the display can be controlled in an analog way
by changing the external resistor (RSET). The current, which
flows between VDD and ISET, defines the current that flows
through the LEDs. The LED current is 100 times the ISET
current. The minimum value of RSET should be 9.53k
Ω,
which corresponds to 40mA segment current. The
brightness of the display can also be controlled digitally via
register 0Ah. The brightness can be programmed in 16
steps and is shown in table 7. An internal pulse width
modulator controls the intensity of the display.
Scan-Limit Register
The scan limit register 0Bh selects the number of digits
displayed. When all 8 digits are displayed the update
frequency is typically 800Hz. If the number of digits
displayed is reduced, the update frequency is reduced as
well. The frequency can be calculated using 8fOSC/N,
where N is the number of digits. Since the number of
displayed digits influences the brightness, the resistor RSET
should be adjusted accordingly. Table 9 shows the
maximum allowed current, when fewer than 4 digits are
used. To avoid differences in brightness the scan limit
register should not be used to blank portions of the display
(leading zeros).
Address
Register
D15–D12 D11 D10 D9 D8
Hex
Code
No-Op
X
0
0
0 0
0xX0
Digit 0
X
0
0
0 1
0xX1
Digit 1
X
0
0
1 0
0xX2
Digit 2
X
0
0
1 1
0xX3
Digit 3
X
0
1
0 0
0xX4
Digit 4
X
0
1
0 1
0xX5
Digit 5
X
0
1
1 0
0xX6
Digit 6
X
0
1
1 1
0xX7
Digit 7
X
1
0
0 0
0xX8
Decode
Mode
X
1
00 10xX9
Intensity
X
1
0
1 0
0xXA
Scan Limit
X
1
0
1 1
0xXB
Shutdown
X
1
1
0 0
0xXC
Not used
X
1
1
0 1
0xXD
Reset and
ext. Clock
X1
1
1 0
0xXE
Display
Test
X1
1
1 1
0xXF
Table 2: Register address map
Register Data
Mode
Address Code
(Hex)
D7 D6 D5 D4 D3 D2 D1 D0
Shutdown
Mode
0xXC
XXX XXXX 0
Normal
Operation
0xXC
XXX XXXX 1
Table 3: Shutdown register format (address (hex) = 0xXC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com