Electronic Components Datasheet Search
  English  ▼

X  

AS1100 Datasheet(PDF) 11 Page - ams AG

Part # AS1100
Description  Serially Interfaced, 8-Digit LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1100 Datasheet(HTML) 11 Page - ams AG

Back Button AS1100 Datasheet HTML 4Page - ams AG AS1100 Datasheet HTML 5Page - ams AG AS1100 Datasheet HTML 6Page - ams AG AS1100 Datasheet HTML 7Page - ams AG AS1100 Datasheet HTML 8Page - ams AG AS1100 Datasheet HTML 9Page - ams AG AS1100 Datasheet HTML 10Page - ams AG AS1100 Datasheet HTML 11Page - ams AG AS1100 Datasheet HTML 12Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Data Sheet AS1100
Revision 1.32, Oct. 2004
Page 11 of 12
Inches
Millimeters
Dim
Min
Max
Min
Max
A
---
0.180
---
4.572
A1 0.015
---
0.380
---
A2 0.125 .0175 3.180 4.450
A3 0.055 0.080 1.400 2.030
B
0.015 0.022 0.381 0.560
B1 0.045 0.065 1.140 1.650
C
0.008 0.014 0.200 0.355
D
1.140 1.265 28.96 32.13
D1 0.005 0.080 0.130 2.030
E
0.300 0.325 7.620 8.260
E1 0.240 0.310 6.100 7.870
e
0.100 BSC
2.54 BSC.
eA
0.300 BSC
7.62 BSC.
eB
0.400 BSC
10.2 BSC.
L
0.115 0.150 2.921 3.810
Figure 5: PDIP-24 package dimensions
Figure 6: Segment driver capability
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
5
10
15
20
25
30
35
40
45
50
Segment Driver Capability, VDD = 5V, Logic Level = High
Voltage below VDD at output in V
Lower Limit
Upper Limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com