Electronic Components Datasheet Search
  English  ▼

X  

AS1100 Datasheet(PDF) 12 Page - ams AG

Part # AS1100
Description  Serially Interfaced, 8-Digit LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1100 Datasheet(HTML) 12 Page - ams AG

Back Button AS1100 Datasheet HTML 4Page - ams AG AS1100 Datasheet HTML 5Page - ams AG AS1100 Datasheet HTML 6Page - ams AG AS1100 Datasheet HTML 7Page - ams AG AS1100 Datasheet HTML 8Page - ams AG AS1100 Datasheet HTML 9Page - ams AG AS1100 Datasheet HTML 10Page - ams AG AS1100 Datasheet HTML 11Page - ams AG AS1100 Datasheet HTML 12Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Data Sheet AS1100
Revision 1.32, Oct. 2004
Page 12 of 12
Ordering Information
Part
Temp Range
Pin
Package
Delivery
Form
AS1100PL
0°C to +70°C 24 Narrow
Plastic DIP
Tubes
AS1100WL
0°C to +70°C 24 Wide SO Tubes
AS1100PE
-40°C to +85°C 24 Narrow
Plastic DIP
Tubes
AS1100WE
-40°C to +85°C 24 Wide SO Tubes
AS1100WL-T
0°C to +70°C 24 Wide SO T&R
AS1100WE-T -40°C to +85°C 24 Wide SO T&R
For Pb-free package use suffix ‘-Z‘
Contact
austriamicrosystems AG
A 8141 Schloss Premstätten, Austria
T. +43 (0) 3136 500 0
F. +43 (0) 3136 525 01
info@austriamicrosystems.com
Copyright
Copyright © 2004 austriamicrosystems. Trademarks
registered ®. All rights reserved. The material herein may
not be reproduced, adapted, merged, translated, stored, or
used without the prior written consent of the copyright
owner. To the best of its knowledge, austriamicrosystems
asserts that the information contained in this publication is
accurate and correct.
Austriamicrosystems reserves the right to change the circuitry and
specifications without notice at any time.
Figure 7: Segment Current versa RSET
10
1
10
2
0
5
10
15
20
25
30
35
40
45
50
Segment Current = f(R
SET
)
R
SET
in kOhm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com