Electronic Components Datasheet Search
  English  ▼

X  

TLK2521 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLK2521
Description  1 to 2.5 Gbps TRANSCEIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK2521 Datasheet(HTML) 1 Page - Texas Instruments

  TLK2521 Datasheet HTML 1Page - Texas Instruments TLK2521 Datasheet HTML 2Page - Texas Instruments TLK2521 Datasheet HTML 3Page - Texas Instruments TLK2521 Datasheet HTML 4Page - Texas Instruments TLK2521 Datasheet HTML 5Page - Texas Instruments TLK2521 Datasheet HTML 6Page - Texas Instruments TLK2521 Datasheet HTML 7Page - Texas Instruments TLK2521 Datasheet HTML 8Page - Texas Instruments TLK2521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
TLK2521
1 to 2.5 Gbps TRANSCEIVER
SLLS574B − JULY 2003 − REVISED JANUARY 2004
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Hot Plug Protection
D 1 to 2.5 Gigabits Per Second (Gbps)
Serializer/Deserializer
D High-Performance 64-Pin HTQFP Thermally
Enhanced Package (PowerPAD
)
D 2.5-V Power Supply for Low Power
Operation
D Selectable Signal Preemphasis Serial
Output
D Interfaces to Backplane, Copper Cables, or
Optical Converters
D Lock Indication and Sync Mode for Fast
Initialization
D 18-Bit Parallel Busses for Flexible Interface
Applications
D On-chip PLL Provides Clock Synthesis
From Low-Speed Reference
D Receiver Differential Input Thresholds
200 mV Min
D Rated for Industrial Temperature Range
D Power: 424 mW at 2.5 Gbps
D Ideal for High-Speed Backplane
Interconnect and Point-to-Point Data Link
D Passive Receive Equalizer
VDD
RXD3
RXD4
RXD5
RXD6
GND
RXD7
RX_CLK
RXD8
RXD9
VDD
RXD10
RXD11
RXD12
RXD13
GND
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VDD
TXD3
TXD4
TXD5
GND
TXD6
TXD7
GTX_CLK
VDD
TXD8
TXD9
TXD10
GND
TXD11
TXD12
TXD13
63 62 61 60 59
64
58
56 55 54
57
53 52 51 50 49
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
Copyright
 2003 − 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.


Similar Part No. - TLK2521

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK2521IPAP TI1-TLK2521IPAP Datasheet
488Kb / 22P
1.0 to 2.5 Gbps 18-BIT SERDES
TLK2521IPAPG4 TI1-TLK2521IPAPG4 Datasheet
488Kb / 22P
1.0 to 2.5 Gbps 18-BIT SERDES
TLK2521IPAPR TI1-TLK2521IPAPR Datasheet
488Kb / 22P
1.0 to 2.5 Gbps 18-BIT SERDES
More results

Similar Description - TLK2521

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK2500IRCP TI-TLK2500IRCP Datasheet
268Kb / 20P
1.6 Gbps to 2.5 Gbps TRANSCEIVER
TLK2501 TI-TLK2501 Datasheet
387Kb / 25P
1.5 TO 2.5 GBPS TRANSCEIVER
TLK3101 TI-TLK3101 Datasheet
322Kb / 24P
2.5 Gbps to 3.125 Gbps TRANSCEIVER
TLK2541 TI-TLK2541 Datasheet
820Kb / 26P
1 TO 2.6 GBPS TRANSCEIVER
TLK2711-SP TI-TLK2711-SP Datasheet
310Kb / 21P
1.6-Gbps to 2.5-Gbps Class V Transceiver
TLK2500 TI1-TLK2500 Datasheet
297Kb / 10P
1.6 Gbps to 2.5 Gbps TRANSCEIVER
TLK2501IRCPRG4 TI1-TLK2501IRCPRG4 Datasheet
1,002Kb / 31P
1.5 TO 2.5 GBPS TRANSCEIVER
TLK2541PFP TI-TLK2541PFP Datasheet
779Kb / 26P
1 TO 2.6 GBPS TRANSCEIVER
TLK2711-SP TI1-TLK2711-SP_15 Datasheet
414Kb / 29P
1.6-Gbps to 2.5-Gbps Class V Transceiver
TLK3101 TI1-TLK3101_16 Datasheet
612Kb / 28P
2.5 Gbps to 3.125 Gbps TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com