Electronic Components Datasheet Search
  English  ▼

X  

TLK2521 Datasheet(PDF) 16 Page - Texas Instruments

Part # TLK2521
Description  1 to 2.5 Gbps TRANSCEIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK2521 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLK2521 Datasheet HTML 11Page - Texas Instruments TLK2521 Datasheet HTML 12Page - Texas Instruments TLK2521 Datasheet HTML 13Page - Texas Instruments TLK2521 Datasheet HTML 14Page - Texas Instruments TLK2521 Datasheet HTML 15Page - Texas Instruments TLK2521 Datasheet HTML 16Page - Texas Instruments TLK2521 Datasheet HTML 17Page - Texas Instruments TLK2521 Datasheet HTML 18Page - Texas Instruments TLK2521 Datasheet HTML 19Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
TLK2521
1 to 2.5 Gbps TRANSCEIVER
SLLS574B − JULY 2003 − REVISED JANUARY 2004
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
_
+
GND
VDD
RXP
RXN
5 k
Ω
7.5 k
Ω
TXP
TXN
Transmitter
Media
Receiver
ZO
ZO
ZO
ZO
Figure 11. High-Speed I/O Directly Coupled Mode
_
+
GND
VDD
RXP
RXN
5 k
Ω
7.5 k
Ω
TXP
TXN
Transmitter
Media
Receiver
ZO
ZO
ZO
ZO
Figure 12. High-Speed I/O AC-Coupled Mode
AC-coupling is only recommended if the parallel TX data stream is encoded to achieve a dc-balanced data
stream. Otherwise, the ac-caps can induce common-mode voltage drift due to the dc-unbalanced data stream.
designing with PowerPAD
The TLK2521 is housed in a high-performance, thermally enhanced, 64-pin HTQFP (PAP64) PowerPAD
package. Use of the PowerPAD package does not require any special considerations except to note that the
PowerPAD, which is an exposed die pad on the bottom of the device, is a metallic thermal and electrical
conductor. Therefore, if not implementing PowerPAD PCB features, the use of solder masks (or other assembly
techniques) may be required to prevent any inadvertent shorting by the exposed PowerPAD of connection
etches or vias under the package. It is strongly recommended that the PowerPAD be soldered to the
thermal land. The recommended convention, however, is to not run any etches or signal vias under the device,
but to have only a grounded thermal land as explained below. Although the actual size of the exposed die pad
may vary, the minimum size required for the keep out area for the 64-pin PAP PowerPAD package is 8 mm
×
8 mm.
It is recommended that there be a thermal land, which is an area of solder-tinned-copper, underneath the
PowerPAD package. The thermal land varies in size depending on the PowerPAD package being used, the PCB
construction, and the amount of heat that needs to be removed. In addition, the thermal land may or may not
contain numerous thermal vias depending on PCB construction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com