Electronic Components Datasheet Search
  English  ▼

X  

TLK2521 Datasheet(PDF) 10 Page - Texas Instruments

Part # TLK2521
Description  1 to 2.5 Gbps TRANSCEIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK2521 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLK2521 Datasheet HTML 6Page - Texas Instruments TLK2521 Datasheet HTML 7Page - Texas Instruments TLK2521 Datasheet HTML 8Page - Texas Instruments TLK2521 Datasheet HTML 9Page - Texas Instruments TLK2521 Datasheet HTML 10Page - Texas Instruments TLK2521 Datasheet HTML 11Page - Texas Instruments TLK2521 Datasheet HTML 12Page - Texas Instruments TLK2521 Datasheet HTML 13Page - Texas Instruments TLK2521 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
TLK2521
1 to 2.5 Gbps TRANSCEIVER
SLLS574B − JULY 2003 − REVISED JANUARY 2004
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR†
ABOVE TA = 25°C
TA = 70°C
POWER RATING
PAP64‡
3.22 W
32.15 mW/
°C
1.77 W
PAP64§
0.94 W
9.46 mW/
°C
0.52 W
PAP64¶
0.68 W
6.78 mW/
°C
0.37 W
† This is the inverse of the traditional junction-to-ambient thermal resistance (RθJA)
‡ High K-board with solder
§ High K-board without solder
¶ Low K-board
NOTE: For more information, see the TI application note PowerPAD
 Thermally Enhanced Package, TI (SLMA002).
electrical characteristics over recommended operating conditions
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VDD
Supply voltage
2.3
2.5
2.7
V
TA
Operating free-air temperature
−40
85
°C
ICC
Supply current
VDD = 2.5 V, Freq = 1 Gb/sec, PRBS pattern
71
mA
ICC
Supply current
VDD = 2.5 V, Freq = 2.5 Gb/sec, PRBS pattern
170
mA
VDD = 2.5 V, Freq = 1 Gb/sec, PRBS pattern
178
PD
Power dissipation
VDD = 2.5 V, Freq = 2.5 Gb/sec, PRBS pattern
424
mW
PD
Power dissipation
VDD = 2.75 V, Freq = 2.5 Gb/sec, worst case pattern
730
mW
Shutdown current
ENABLE = 0, VDDA, VDD pins, VDD = max
130
µA
PLL startup lock time
VDD, VDDA = 2.3 V, EN ↑ to PLL acquire
0.1
0.4
ms
Data acquisition time
1024
bits
reference clock (GTX_CLK) timing requirements over recommended operating conditions (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
R
Frequency
Minimum data rate
TYP−0.01%
50
TYP+0.01%
MHz
Rω
Frequency
Maximum data rate
TYP−0.01%
125
TYP+0.01%
MHz
Frequency tolerance
−100
100
ppm
Duty cycle
40%
50%
60%
Jitter#
Peak-to-peak
40
ps
# See the Reference Lock Jitter Analysis For TLK2521 application note for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com