Electronic Components Datasheet Search
  English  ▼

X  

TLK2521 Datasheet(PDF) 12 Page - Texas Instruments

Part # TLK2521
Description  1 to 2.5 Gbps TRANSCEIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK2521 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLK2521 Datasheet HTML 8Page - Texas Instruments TLK2521 Datasheet HTML 9Page - Texas Instruments TLK2521 Datasheet HTML 10Page - Texas Instruments TLK2521 Datasheet HTML 11Page - Texas Instruments TLK2521 Datasheet HTML 12Page - Texas Instruments TLK2521 Datasheet HTML 13Page - Texas Instruments TLK2521 Datasheet HTML 14Page - Texas Instruments TLK2521 Datasheet HTML 15Page - Texas Instruments TLK2521 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
TLK2521
1 to 2.5 Gbps TRANSCEIVER
SLLS574B − JULY 2003 − REVISED JANUARY 2004
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TTL output switching characteristics over recommended operating conditions (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH= −1 mA, VDD = MIN
2.1
2.3
V
VOL
Low-level output voltage
IOL= 1 mA, VDD = MIN
GND
0.25
0.5
V
tr(slew)
Magnitude of RX_CLK, RXD slew rate (rising)
0.8 V to 2 V, C = 5 pF, See Figure 10
0.5
V/ns
tf(slew)
Magnitude of RX_CLK, RXD slew rate (falling)
0.8 V to 2 V, C = 5 pF, See Figure 10
0.5
V/ns
tsu
RXD setup to
↑ RX_CLK
50% voltage swing, GTX_CLK = 50 MHz,
See Figure 7
8
ns
tsu
RXD setup to
↑ RX_CLK
50% voltage swing, GTX_CLK = 125 MHz,
See Figure 7
3
ns
th
RXD hold to
↑ RX_CLK
50% voltage swing, GTX_CLK = 50 MHz,
See Figure 7
8
ns
th
RXD hold to
↑ RX_CLK
50% voltage swing, GTX_CLK = 125 MHz,
See Figure 7
3
ns
RXD(0−17)
2 V
0.8 V
2 V
0.8 V
RX_CLK
tsu
th
tf(slew)
tr(slew)
0 V
0 V
tr(slew)
tf(slew)
Figure 7. TTL Data Output Valid Levels for AC Measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com