Electronic Components Datasheet Search
  English  ▼

X  

TLK2521 Datasheet(PDF) 11 Page - Texas Instruments

Part # TLK2521
Description  1 to 2.5 Gbps TRANSCEIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK2521 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLK2521 Datasheet HTML 7Page - Texas Instruments TLK2521 Datasheet HTML 8Page - Texas Instruments TLK2521 Datasheet HTML 9Page - Texas Instruments TLK2521 Datasheet HTML 10Page - Texas Instruments TLK2521 Datasheet HTML 11Page - Texas Instruments TLK2521 Datasheet HTML 12Page - Texas Instruments TLK2521 Datasheet HTML 13Page - Texas Instruments TLK2521 Datasheet HTML 14Page - Texas Instruments TLK2521 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
TLK2521
1 to 2.5 Gbps TRANSCEIVER
SLLS574B − JULY 2003 − REVISED JANUARY 2004
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TTL input electrical characteristics over recommended operating conditions (unless otherwise
noted)
TTL Signals: TXD0 ...TXD17, GTX_CLK, LOOPEN, SYNC, PREEMPH
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High-level input voltage
See Figure 6
2
3.6
V
VIL
Low-level input voltage
See Figure 6
0.8
V
IIH
High-level input current
VDD = MAX, VIN = 2 V
40
µA
IIL
Low-level input current
VDD = MAX, VIN = 0.4 V
−40
µA
CIN
Input capacitance
0.8 V to 2 V
4
pF
tr
GTX_CLK, TXD rise time
0.8 V to 2 V, C = 5 pF, See Figure 6
1
ns
tf
GTX_CLK, TXD fall time
2 V to 0.8 V, C = 5 pF, See Figure 6
1
ns
tsu
TXD setup to
↑ GTX_CLK
See Figure 6
1.5
ns
th
TXD hold to
↑ GTX_CLK
See Figure 6
0.4
ns
RXD(0−17)
2 V
0.8 V
2 V
0.8 V
RX_CLK
tsu
th
tf(slew)
tr(slew)
0 V
0 V
tr(slew)
tf(slew)
Figure 6. TTL Data Input Valid Levels for AC Measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com