Electronic Components Datasheet Search
  English  ▼

X  

TSPC603R Datasheet(PDF) 1 Page - ATMEL Corporation

Part # TSPC603R
Description  PowerPC 603e RISC Microprocessor Family PID7t-603e
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSPC603R Datasheet(HTML) 1 Page - ATMEL Corporation

  TSPC603R Datasheet HTML 1Page - ATMEL Corporation TSPC603R Datasheet HTML 2Page - ATMEL Corporation TSPC603R Datasheet HTML 3Page - ATMEL Corporation TSPC603R Datasheet HTML 4Page - ATMEL Corporation TSPC603R Datasheet HTML 5Page - ATMEL Corporation TSPC603R Datasheet HTML 6Page - ATMEL Corporation TSPC603R Datasheet HTML 7Page - ATMEL Corporation TSPC603R Datasheet HTML 8Page - ATMEL Corporation TSPC603R Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
Features
• Superscalar (3 Instructions per Clock Peak)
• Dual 16 KB Caches
• Selectable Bus Clock
• 32-bit Compatibility PowerPC Implementation
• On-chip Debug Support
• Nap, Doze and Sleep Power Saving Modes
• Device Offered in Cerquad, CBGA 255, HiTCE CBGA 255 and CI-CGA 255
Features Specific to CBGA 255, HiTCE CBGA 255 and CI-CGA 255
• 7.4 SPECint95, 6.1 SPECfp95 at 300 MHz (Estimated)
• P
D Typically = 3.5W (266 MHz), Full Operating Conditions
• Branch Folding
• 64-bit Data Bus (32-bit Data Bus Option)
• 4-Gbytes Direct Addressing Range
• Pipelined Single/Double Precision Float Unit
• IEEE 754 Compatible FPU
• IEEE P 1149-1 Test Mode (JTAG/C0P)
• f
INT Max = 300 MHz
• f
BUS Max = 75 MHz
• Compatible CMOS Input/TTL Output
Features Specific to Cerquad
• 5.6 SPECint95, 4 SPECfp95 and 200 MHz (Estimated)
• P
D Typically = 2.5W (200 MHz), Full Operating Conditions
1.
Description
The PID7t-603e implementation of the PowerPC 603e (renamed after the 603R) is a
low-power implementation of the Reduced Instruction Set Computer (RISC) micropro-
cessor PowerPC family. The 603R is pin-to-pin compatible with the PowerPC 603e
and 603P in a Cerquad package. The 603R implements 32-bit effective addresses,
integer data types of 8, 16 and 32 bits, and floating-point data types of 32 and 64 bits.
The 603R is a low-power 2.5/3.3V design and provides four software controllable
power-saving modes. This device is a superscalar processor capable of issuing and
retiring as many as three instructions per clock. Instructions can be executed in any
order for increased performance, but, the 603R makes completion appear sequential.
It integrates five execution units and is able to execute five instructions in parallel.
The 603R provides independent on-chip, 16-Kbyte, four-way set-associative, physi-
cally addressed caches for instructions and data, as well as on-chip instructions, and
data Memory Management Units (MMUs). The MMUs contain 64-entry, two-way
set-associative, data and instruction translation look aside buffers that provide support
for demand-paged virtual memory address translation and variable-sized block trans-
lation. The 603R has a selectable 32- or 64-bit data bus and a 32-bit address bus. The
interface protocol allows multiple masters to compete for system resources through a
central external arbiter. The device supports single-beat and burst data transfers for
memory accesses, and supports memory-mapped I/Os.
PowerPC® 603e
RISC
Microprocessor
Family
PID7t-603e
TSPC603R
Rev. 5410B–HIREL–09/05


Similar Part No. - TSPC603R

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
TSPC6AS52 L-COM-TSPC6AS52 Datasheet
108Kb / 1P
CAT6A RJ45 PLUG SHIELDED FOR 0.048-0.052" CONDUCTOR OD
4/28/22
TSPC6AS52-25PK L-COM-TSPC6AS52-25PK Datasheet
108Kb / 1P
CAT6A RJ45 PLUG SHIELDED FOR 0.048-0.052" CONDUCTOR OD
4/28/22
More results

Similar Description - TSPC603R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC603E7TEC MOTOROLA-MPC603E7TEC Datasheet
551Kb / 36P
PowerPC 603e RISC Microprocessor
MPC603E MOTOROLA-MPC603E Datasheet
132Kb / 31P
PowerPC 603e RISC Microprocessor
logo
ATMEL Corporation
PC755 ATMEL-PC755 Datasheet
1Mb / 50P
PowerPC 755/745 RISC Microprocessor
PC7457 ATMEL-PC7457 Datasheet
522Kb / 66P
PowerPC 7457 RISC Microprocessor
logo
List of Unclassifed Man...
MPC603ERX100LN ETC1-MPC603ERX100LN Datasheet
99Kb / 5P
PowerPC 603e RISC Microprocessor Family: PID6-603e (Stretch) Part Number Specifications
logo
ATMEL Corporation
PC7447A ATMEL-PC7447A Datasheet
595Kb / 44P
PowerPC RISC microprocessor
logo
List of Unclassifed Man...
PC7410 ETC2-PC7410 Datasheet
1Mb / 57P
PowerPC 7410 RISC Microprocessor
logo
Freescale Semiconductor...
MPC603RRX200TC FREESCALE-MPC603RRX200TC Datasheet
478Kb / 31P
PID7t-603e Hardware Specifications
logo
NXP Semiconductors
MPC603EEC NXP-MPC603EEC Datasheet
401Kb / 32P
PowerPC 603e™ RISC Microprocessor Family: PID6-603e Hardware Specifications
5/1999 Rev. 2
MPC603E7VEC NXP-MPC603E7VEC Datasheet
575Kb / 40P
PowerPC 603e™ RISC Microprocessor Family:PID7v-603e Hardware Specifications
REV 1 11/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com