Electronic Components Datasheet Search
  English  ▼

X  

TSPC603R Datasheet(PDF) 39 Page - ATMEL Corporation

Part # TSPC603R
Description  PowerPC 603e RISC Microprocessor Family PID7t-603e
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSPC603R Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button TSPC603R Datasheet HTML 35Page - ATMEL Corporation TSPC603R Datasheet HTML 36Page - ATMEL Corporation TSPC603R Datasheet HTML 37Page - ATMEL Corporation TSPC603R Datasheet HTML 38Page - ATMEL Corporation TSPC603R Datasheet HTML 39Page - ATMEL Corporation TSPC603R Datasheet HTML 40Page - ATMEL Corporation TSPC603R Datasheet HTML 41Page - ATMEL Corporation TSPC603R Datasheet HTML 42Page - ATMEL Corporation TSPC603R Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
39
5410B–HIREL–09/05
TSPC603R
DSI
00300
The cause of a DSI exception can be determined by the bit settings in the DSISR, listed as
follows:
1 Set if the translation of an attempted access is not found in the primary hash table entry
group (HTEG), or in the rehashed secondary HTEG, or in the range of the DBAT register;
otherwise cleared
4 Set if a memory access is not permitted by the page or DBAT protection mechanism;
otherwise cleared
5 Set by an eciwx or ecowx instruction if the access is to an address that is marked as
write-through, or execution of a load/store instruction that accesses a direct-store segment
6 Set for a store operation and cleared for a load operation
11 Set if eciwx or ecowx is used and EAR[E] is cleared
ISI
00400
An ISI exception is caused when an instruction fetch cannot be performed for any of the
following reasons:
• The effective (logical) address cannot be translated. That is, there is a page
fault for this portion of the translation, so an ISI exception must be taken to load
the PTE (and possibly the page) into memory
• The fetch access violates memory protection. If the key bits (Ks and Kp) in the
segment register and the PP bits in the PTE are set to prohibit read access,
instructions cannot be fetched from this location
External interrupt
00500
An external interrupt is caused when MSR[EE] = 1 and the INT signal is asserted
Alignment
00600
An alignment exception is caused when the 603e cannot perform a memory access for any
of the reasons described below:
• The operand of a floating-point load or store instruction is not word-aligned
• The operand of lmw, stmw, lwarx, and stwcx, instructions are not aligned
• The operand of a single-register load or store operation is not aligned, and the
603e is in little-endian mode
• The instruction is lmw, stmw, lswi, lwsx, stswi, stswx and the 603e is in little-
endian mode
• The operand of dcbz is in storage that is write-through-required, or caching
inhibited
Table 12-2.
Exceptions and Conditions (Continued)
Exception Type
Vector Offset
(hex)
Causing Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com