Electronic Components Datasheet Search
  English  ▼

X  

TSPC603R Datasheet(PDF) 13 Page - ATMEL Corporation

Part # TSPC603R
Description  PowerPC 603e RISC Microprocessor Family PID7t-603e
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSPC603R Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button TSPC603R Datasheet HTML 9Page - ATMEL Corporation TSPC603R Datasheet HTML 10Page - ATMEL Corporation TSPC603R Datasheet HTML 11Page - ATMEL Corporation TSPC603R Datasheet HTML 12Page - ATMEL Corporation TSPC603R Datasheet HTML 13Page - ATMEL Corporation TSPC603R Datasheet HTML 14Page - ATMEL Corporation TSPC603R Datasheet HTML 15Page - ATMEL Corporation TSPC603R Datasheet HTML 16Page - ATMEL Corporation TSPC603R Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
13
5410B–HIREL–09/05
TSPC603R
9.5
Power Dissipation
Notes:
1. These values apply for all valid PLL_CFG[0-3] settings and do not include output driver power (OVDD) or analog supply
power (AV
DD). OVDD power is system dependent but is typically ≤ 10% of VDD. Worst case AVDD = 15 mW.
2. Typical power is an average value measured at VDD = AVDD = 2.5V, OVDD = 3.3V, in a system executing typical applications
and benchmark sequences.
3. Maximum power is measured at V
DD = 2.625V using a worst-case instruction mix.
4. To calculate the power consumption at low temperature (-55°C), use a factor of 1.25.
9.6
Marking
Each microcircuit is legible and permanently marked with at least the following information:
• Atmel logo
• Manufacturer’s part number
• Class B identification if applicable
• Date code of inspection lot
• ESD identifier if available
• Country of manufacture
10. Pin Assignments
10.1
CBGA 255 and CI-CGA 255 Packages
Figure 10-1 (pin matrix) shows the pinout as viewed from the top of the CBGA and CI-CGA
packages. The direction of the top surface view is shown by the side profile of the packages.
Table 9-2.
Power Dissipation
(1)(2)(3)(4) with V
DD/AVDD = 2.5 ±5%V, OVDD = 3.3 ±5%V, GND = 0V, 0°C ≤ T
C ≤ 125°C
CPU Clock Frequency
Cerquad 240 Package
CBGA 255, HiTCE CBGA 255 and CI-CGA 255
Units
166 MHz
200 MHz
166 MHz
200 MHz
233 MHz
266 MHz
300 MHz
Full-on Mode (DPM Enabled)
Typical
2.1
2.5
2.1
2.5
3
3.5
4
W
Max
3.2
4
3.2
4
4.6
5.3
6
W
Doze Mode
Typical
1.5
1.7
1.5
1.7
1.8
2
2.1
W
Nap Mode
Typical
100
120
100
120
140
160
180
mW
Sleep Mode
Typical
96
110
96
110
123
135
150
mW
Sleep Mode-PLL Disabled
Typical
60
60
60
60
606060
mW
Sleep Mode-PLL and SYSCLK Disabled
Typical
25
25
25
25
252525
mW
Maximum
60
60
60
60
60
80
100
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com