Electronic Components Datasheet Search
  English  ▼

X  

TSPC603R Datasheet(PDF) 2 Page - ATMEL Corporation

Part # TSPC603R
Description  PowerPC 603e RISC Microprocessor Family PID7t-603e
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSPC603R Datasheet(HTML) 2 Page - ATMEL Corporation

  TSPC603R Datasheet HTML 1Page - ATMEL Corporation TSPC603R Datasheet HTML 2Page - ATMEL Corporation TSPC603R Datasheet HTML 3Page - ATMEL Corporation TSPC603R Datasheet HTML 4Page - ATMEL Corporation TSPC603R Datasheet HTML 5Page - ATMEL Corporation TSPC603R Datasheet HTML 6Page - ATMEL Corporation TSPC603R Datasheet HTML 7Page - ATMEL Corporation TSPC603R Datasheet HTML 8Page - ATMEL Corporation TSPC603R Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
2
5410B–HIREL–09/05
TSPC603R
The 603R uses an advanced, 2.5/3.3V CMOS process technology and maintains full interface
compatibility with TTL devices. It also integrates in-system testability and debugging features
through JTAG boundary-scan capabilities.
2.
Screening/Quality/Packaging
This product is manufactured in full compliance with:
• HiTCE CBGA according to Atmel Standards
• CI-CGA 255 and Cerquad: MIL-PRF-38535 class Q or according to Atmel standards
• CBGA 255: Upscreenings based upon Atmel standards
• CBGA, CI-CGA, HiTCE packages:
– Full military temperature range (T
C = -55°C, Tj = +125°C)
– Industrial temperature range
(T
C = -40°C, Tj = +110°C)
• Cerquad:
– Full military temperature range (T
C = -55°C, Tc = +125°C)
– Industrial temperature range
(T
C = -40°C, Tc = +110°C)
– Commercial temperature ranges (T
C = 0°C, TC = +70°C)
• Internal I/O Power Supply = 2.5 ±5% // 3.3V ±5%
G suffix
CBGA 255
Ceramic Ball Grid Array
GS suffix
CI-CGA 255
Ceramic Ball Grid Array
with Solder Column Interposer (SCI)
CERQUAD 240
GH suffix
HiTCE 255
Ceramic Ball Grid Array
A suffix
CERQUAD 240
Ceramic Leaded Chip Carrier
Cavity up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com