| Electronic Components Datasheet Search |
|
TSPC603R Datasheet(PDF) 11 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
TSPC603R Datasheet(HTML) 11 Page - ATMEL Corporation |
|
11 / 58 page ![]() 11 5410B–HIREL–09/05 TSPC603R • Functional units are clocked only when needed • No software or hardware intervention required after mode is set • Software/hardware and performance are transparent Doze Mode The doze mode disables most functional units but maintains cache coherency by enabling the bus interface unit and snooping. A snoop hit will cause the 603R to enable the data cache, copy the data back to the memory, disable the cache, and fully return to the doze state. In this mode: • Most functional units are disabled • Bus snooping and time base/decrementer are still enabled • Dose mode sequence: – Set doze bit (HID0[8) = 1) – 603R enters doze mode after several processor clocks • There are several methods for returning to full-power mode – Assert INT, SMI, MCP or decrementer interrupts – Assert hard reset or soft reset • The Transition to full-power state takes no more than a few processor cycles • Phase Locked Loop (PLL) running and locked to SYSCLK Nap Mode The nap mode disables the 603R but still maintains the phase locked loop (PLL) and the time base/decrementer. The time base can be used to restore the 603R to full-on state after a pro- grammed amount of time. Because bus snooping is disabled for nap and sleep modes, a hardware handshake using the quiesce request (QREQ) and quiesce acknowledge (QACK) sig- nals is required to maintain data coherency. The 603R will assert the QREQ signal to indicate that it is ready to disable bus snooping. When the system has ensured that snooping is no longer necessary, it will assert QACK and the 603R will enter the sleep or nap mode. In this mode: • The time base/decrementer is still enabled • Most functional units are disabled (including bus snooping) • All non-essential input receivers are disabled • Nap mode sequence: – Set nap bit (HID0[9] = 1) – 603R asserts quiesce request (QREQ) signal – System asserts quiesce acknowledge (QACK) signal – 603R enters sleep mode after several processor clocks • There are several methods for returning to full-power mode: – Assert INT, SPI, MCP or decrementer interrupts – Assert hard reset or soft reset • Transition to full-power takes no more than a few processor cycles • The PLL is running and locked to SYSCLK |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |