Electronic Components Datasheet Search
  English  ▼

X  

IM241 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IM241
Description  CIPOS™ Micro IPM 600 V, 2 A
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IM241 Datasheet(HTML) 3 Page - Infineon Technologies AG

  IM241 Datasheet HTML 1Page - Infineon Technologies AG IM241 Datasheet HTML 2Page - Infineon Technologies AG IM241 Datasheet HTML 3Page - Infineon Technologies AG IM241 Datasheet HTML 4Page - Infineon Technologies AG IM241 Datasheet HTML 5Page - Infineon Technologies AG IM241 Datasheet HTML 6Page - Infineon Technologies AG IM241 Datasheet HTML 7Page - Infineon Technologies AG IM241 Datasheet HTML 8Page - Infineon Technologies AG IM241 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Final Datasheet
3
Revision 1.6
www.infineon.com
2022-06-26
CIPOS™ Micro
IM241 Series
Internal Electrical Schematic
1
Internal Electrical Schematic
Half-Bridge
HVIC
Half-Bridge
HVIC
Half-Bridge
HVIC
1 VSS
2 VB(U)
3 VDD1
4 HIN(U)
5 LIN(U)
6 RFE
7 VB(V)
8 VDD2
9 HIN(V)
10 LIN(V)
11 VTH
12 VB(W)
13 VDD3
14 HIN(W)
15 LIN(W)
16 ITRIP
17 P
18 U/VS(U)
19 NU
20 NV
21 V/VS(V)
22 NW
23 W/VS(W)
Figure 1
Internal electrical schematic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com