Electronic Components Datasheet Search
  English  ▼

X  

IM241 Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # IM241
Description  CIPOS™ Micro IPM 600 V, 2 A
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IM241 Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button IM241 Datasheet HTML 10Page - Infineon Technologies AG IM241 Datasheet HTML 11Page - Infineon Technologies AG IM241 Datasheet HTML 12Page - Infineon Technologies AG IM241 Datasheet HTML 13Page - Infineon Technologies AG IM241 Datasheet HTML 14Page - Infineon Technologies AG IM241 Datasheet HTML 15Page - Infineon Technologies AG IM241 Datasheet HTML 16Page - Infineon Technologies AG IM241 Datasheet HTML 17Page - Infineon Technologies AG IM241 Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Final Datasheet
14
Revision 1.6
www.infineon.com
2022-06-26
CIPOS™ Micro
IM241 Series
Thermistor Characteristics
8
Thermistor Characteristics
Table 13
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Resistance
R25
TC = 25°C, ±5% tolerance
44.65
47
49.35
kΩ
Resistance
R125
TC = 125°C
1.27
1.39
1.51
kΩ
B-constant
(25/100)
B
±1% tolerance
-
4006
-
K
Temperature
Range
-20
-
150
°C
Figure 7
Thermistor resistance – temperature curve, for REXT=9.76kΩ, and thermistor resistance
variation with temperature.
+3.3V
REXT
R
VTH
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
10 20 30 40 50 60 70 80 90 100 110 120 130 140 150
Thermistor Temperature TTH (°C)
max
typ
min
TTH [℃]
Rmin
[kΩ]
Rtyp
[kΩ]
Rmax
[kΩ]
50
15.448
16.432
17.436
60
10.483
11.194
11.924
70
7.245
7.765
8.302
80
5.092
5.477
5.876
90
3.648
3.937
4.237
100
2.653
2.872
3.101
110
1.957
2.125
2.301
120
1.462
1.592
1.729
125
1.269
1.384
1.505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com