Electronic Components Datasheet Search
  English  ▼

X  

IM241 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # IM241
Description  CIPOS™ Micro IPM 600 V, 2 A
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IM241 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button IM241 Datasheet HTML 17Page - Infineon Technologies AG IM241 Datasheet HTML 18Page - Infineon Technologies AG IM241 Datasheet HTML 19Page - Infineon Technologies AG IM241 Datasheet HTML 20Page - Infineon Technologies AG IM241 Datasheet HTML 21Page - Infineon Technologies AG IM241 Datasheet HTML 22Page - Infineon Technologies AG IM241 Datasheet HTML 23Page - Infineon Technologies AG IM241 Datasheet HTML 24Page - Infineon Technologies AG IM241 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Final Datasheet
21
Revision 1.6
www.infineon.com
2022-06-26
CIPOS™ Micro
IM241 Series
Application Guide
12.2
TJ vs TTH
Figure 15
Typical TJ vs TTH correlation without heatsink (AN-2021-08 for reference)
Figure 16
Typical TJ vs TTH correlation with heatsink and Rthc-amb = 7 K/W (AN-2021-08 for reference)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com