Electronic Components Datasheet Search
  English  ▼

X  

IM241 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IM241
Description  CIPOS™ Micro IPM 600 V, 2 A
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IM241 Datasheet(HTML) 2 Page - Infineon Technologies AG

  IM241 Datasheet HTML 1Page - Infineon Technologies AG IM241 Datasheet HTML 2Page - Infineon Technologies AG IM241 Datasheet HTML 3Page - Infineon Technologies AG IM241 Datasheet HTML 4Page - Infineon Technologies AG IM241 Datasheet HTML 5Page - Infineon Technologies AG IM241 Datasheet HTML 6Page - Infineon Technologies AG IM241 Datasheet HTML 7Page - Infineon Technologies AG IM241 Datasheet HTML 8Page - Infineon Technologies AG IM241 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Final Datasheet
2
Revision 1.6
www.infineon.com
2022-06-26
CIPOS™ Micro
IM241 Series
Table of contents
Table of contents
Description1
Features
1
Potential Applications..................................................................................................................... 1
Product validation.......................................................................................................................... 1
Table of contents............................................................................................................................ 2
1
Internal Electrical Schematic .......................................................................................... 3
2
Pin Configuration........................................................................................................... 4
2.1
Pin Assignment........................................................................................................................................4
2.2
Pin Descriptions.......................................................................................................................................5
3
Absolute Maximum Rating .............................................................................................. 7
3.1
Module .....................................................................................................................................................7
3.2
Inverter ....................................................................................................................................................7
3.3
Control............................................................................................................................................................7
4
Thermal Characteristics ................................................................................................. 8
5
Recommended Operating Conditions............................................................................... 9
6
Static Parameters .........................................................................................................10
6.1
Inverter ..................................................................................................................................................10
6.2
Control...................................................................................................................................................10
7
Dynamic Parameters.....................................................................................................12
7.1
Inverter ..................................................................................................................................................12
7.2
Control...................................................................................................................................................13
8
Thermistor Characteristics ............................................................................................14
9
Mechanical Characteristics and Ratings...........................................................................15
10
Qualification Information ..............................................................................................16
11
Diagrams & Tables ........................................................................................................17
11.1
TC Measurement Point...........................................................................................................................17
11.2
Backside Curvature Measurement Points ............................................................................................17
11.3
Input-Output Logic Table......................................................................................................................18
11.4
Switching Time Definitions ...................................................................................................................19
12
Application Guide .........................................................................................................20
12.1
Typical Application Schematic .............................................................................................................20
12.2
TJ vs TTH ..................................................................................................................................................21
12.3
–VS Immunity .........................................................................................................................................22
13
Package Outline ...........................................................................................................23
13.1
DIP 29x12 ...............................................................................................................................................23
13.2
SOP 29x12..............................................................................................................................................24
14
Revision History ...........................................................................................................25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com