Electronic Components Datasheet Search
  English  ▼

X  

IM241 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # IM241
Description  CIPOS™ Micro IPM 600 V, 2 A
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IM241 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button IM241 Datasheet HTML 6Page - Infineon Technologies AG IM241 Datasheet HTML 7Page - Infineon Technologies AG IM241 Datasheet HTML 8Page - Infineon Technologies AG IM241 Datasheet HTML 9Page - Infineon Technologies AG IM241 Datasheet HTML 10Page - Infineon Technologies AG IM241 Datasheet HTML 11Page - Infineon Technologies AG IM241 Datasheet HTML 12Page - Infineon Technologies AG IM241 Datasheet HTML 13Page - Infineon Technologies AG IM241 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Final Datasheet
10
Revision 1.6
www.infineon.com
2022-06-26
CIPOS™ Micro
IM241 Series
Static Parameters
6
Static Parameters
6.1
Inverter
(VDD-VSS) = (VB- VS) = 15 V. TC = 25°C unless otherwise specified.
Table 8
IM241-S6 (B and J type)
Parameter
Symbol Conditions
Min.
Typ.
Max.
Units
Collector-to-emitter
saturation voltage
VCE(sat)
IC = 0.2A
-
1.18
-
V
IC = 0.5A
-
1.55
1.78
V
IC = 0.5A, TJ = 150℃
-
1.58
-
V
Collector emitter leakage
current of high side IGBT
ILKH
VIN = 0V, V+ = 600V
-
-
80
µA
VIN = 0V, V+ = 600V, TJ
= 150°C
-
10.7
-
µA
Diode forward voltage
VF
IC = 0.2A
-
1.23
-
V
IC = 0.5A
-
1.53
1.77
V
IC = 0.5A, TJ = 150℃
-
1.49
-
V
6.2
Control
(VDD- VSS) = (VB- VS) = 15 V. TC = 25°C unless otherwise specified. The VIN and IIN parameters are referenced to VSS
and are applicable to all six channels. The VDDUVparameters are referenced to VSS. The VBSUV parameters are
referenced to VS.
Table 9
Parameter
Symbol
Min.
Typ.
Max.
Units
Logic “1” input voltage (LIN, HIN)
VIN,TH+
2.2
-
-
V
Logic “0” input voltage (LIN, HIN)
VIN,TH-
-
-
0.8
V
VDD/VBSsupply undervoltage, positive going
threshold
VDD,UV+,
VBS,UV+
10.6
11.1
11.6
V
VDD/VBS supply undervoltage, negative going
threshold
VDD,UV-,
VBS,UV-
10.4
10.9
11.4
V
VDD/VBS supply undervoltage lock-out
hysteresis
VDDUVH,
VBSUVH
-
0.2
-
V
RFE positive going threshold
VRFE+
-
1.9
2.2
V
RFE negative going threshold
VRFE-
0.8
1.1
-
V
ITRIP positive going threshold
VIT,TH+
0.475
0.500
0.525
V
ITRIP negative going threshold
VIT,TH-
-
0.430
-
V
ITRIP input hysteresis
VIT,HYS
-
0.07
-
V
Quiescent VBS supply current
IQBS
-
-
70
µA
Quiescent VDD supply current per channel
IQDD
-
-
3
mA
Input bias current VIN=5V for LIN, HIN
IIN+
-
6.25
12.5
µA
Input bias current VIN=5V for RFE
IIN,RFE+
-
-
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com