Electronic Components Datasheet Search
  English  ▼

X  

IM241 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # IM241
Description  CIPOS™ Micro IPM 600 V, 2 A
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IM241 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button IM241 Datasheet HTML 9Page - Infineon Technologies AG IM241 Datasheet HTML 10Page - Infineon Technologies AG IM241 Datasheet HTML 11Page - Infineon Technologies AG IM241 Datasheet HTML 12Page - Infineon Technologies AG IM241 Datasheet HTML 13Page - Infineon Technologies AG IM241 Datasheet HTML 14Page - Infineon Technologies AG IM241 Datasheet HTML 15Page - Infineon Technologies AG IM241 Datasheet HTML 16Page - Infineon Technologies AG IM241 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Final Datasheet
13
Revision 1.6
www.infineon.com
2022-06-26
CIPOS™ Micro
IM241 Series
Dynamic Parameters
Parameter
Symbol Conditions
Min.
Typ.
Max.
Units
Turn-off switching time
TC(off)
-
126
-
ns
RFE low to six switch turn-off
propagation delay
TEN
VIN=0 or VIN=5V,
VRFE=5V
-
470
-
ns
ITRIP to six switch turn-off
propagation delay
TITRIP
V+ = 300V,no cap
on RFE
-
1.3
-
µs
Turn-on slew rate
dV / dt IC = 0.5A, V+ = 300V,
VDD = 15V, L = 6mH,
mean of high side and
low side
-
1.91
-
V/ns
Turn-on switching energy
EON
IC = 0.5A, V+ = 300V,
VDD = 15V, L = 6mH,
mean of high side
and low side
-
20.0
-
µJ
Turn-off switching energy
EOFF
-
7.49
-
Diode reverse recovery energy
EREC
-
5.77
-
Diode reverse recovery time
TRR
-
164
-
ns
Turn-on switching energy
EON
IC = 0.5A, V+ = 300V,
VDD = 15V, L = 6mH
TJ = 150°C, mean of
high side and low
side
-
34.8
-
µJ
Turn-off switching energy
EOFF
-
10.6
-
Diode reverse recovery energy
EREC
-
9.47
-
Diode reverse recovery time
TRR
-
258
-
ns
7.2
Control
(VDD- VSS) = (VB- VS) = 15V. TC = 25°C unless otherwise specified.
Table 12
Parameter
Symbol Conditions
Min.
Typ.
Max.
Units
Input filter time (HIN, LIN)
TFIL,IN
VIN= 0 or VIN = 5V
-
300
-
ns
Input filter time (ITRIP)
TFIL,ITRIP
VIN=0 or VIN=5V
-
500
-
ns
Internal dead time
DTIC
VIN= 0 or VIN = 5V
-
300
-
ns
Matching propagation delay
time (on and off) for same
phase high-side and low-side
MT
External dead time
> 500ns
-
-
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com