Electronic Components Datasheet Search
  English  ▼

X  

AP64060 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP64060
Description  4.5V TO 40V INPUT, 600mA SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP64060 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP64060 Datasheet HTML 1Page - Diodes Incorporated AP64060 Datasheet HTML 2Page - Diodes Incorporated AP64060 Datasheet HTML 3Page - Diodes Incorporated AP64060 Datasheet HTML 4Page - Diodes Incorporated AP64060 Datasheet HTML 5Page - Diodes Incorporated AP64060 Datasheet HTML 6Page - Diodes Incorporated AP64060 Datasheet HTML 7Page - Diodes Incorporated AP64060 Datasheet HTML 8Page - Diodes Incorporated AP64060 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
AP64060
Document number: DS44123 Rev. 2 - 2
4 of 18
www.diodes.com
August 2022
© Diodes Incorporated
AP64060
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.) (Note 4)
Symbol
Parameter
Rating
Unit
VIN
Supply Pin Voltage
-0.3 to +42.0 (DC)
V
-0.3 to +46.0 (400ms)
VFB
Feedback Pin Voltage
-0.3V to +6.0
V
VEN
Enable Pin Voltage
-0.3 to +42.0
V
VSW
Switch Pin Voltage
-0.3 to VIN + 0.3 (DC)
V
-2.5 to VIN + 2.0 (20ns)
VBST
Bootstrap Pin Voltage
VSW - 0.3 to VSW + 6.0
V
TST
Storage Temperature
-65 to +150
°C
TJ
Junction Temperature
+170
°C
TL
Lead Temperature
+260
°C
ESD Susceptibility (Note 5)
HBM
Human Body Model
±2000
V
CDM
Charged Device Model
±1000
V
Notes:
4. Stresses greater than the Absolute Maximum Ratings specified above can cause permanent damage to the device. These are stress ratings only;
functional operation of the device at these or any other conditions exceeding those indicated in this specification is not implied. Device reliability can
be affected by exposure to absolute maximum rating conditions for extended periods of time.
5. Semiconductor devices are ESD sensitive and can be damaged by exposure to ESD events. Suitable ESD precautions should be taken when
handling and transporting these devices.
Thermal Resistance (Note 6)
Symbol
Parameter
Rating
Unit
θJA
Junction to Ambient
TSOT26
80
°C/W
θJC
Junction to Case
TSOT26
39
°C/W
Note:
6. Test condition for TSOT26: Device mounted on FR-4 substrate, single-layer PC board, 2oz copper, with minimum recommended pad layout.
Recommended Operating Conditions (Note 7) (@ TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VIN
Supply Voltage
4.5
40
V
VOUT
Output Voltage
0.8
26
V
TA
Operating Ambient Temperature Range
-40
+85
°C
TJ
Operating Junction Temperature Range
-40
+125
°C
Note:
7. The device function is not guaranteed outside of the recommended operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com