Electronic Components Datasheet Search
  English  ▼

X  

AP64060 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP64060
Description  4.5V TO 40V INPUT, 600mA SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP64060 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP64060 Datasheet HTML 1Page - Diodes Incorporated AP64060 Datasheet HTML 2Page - Diodes Incorporated AP64060 Datasheet HTML 3Page - Diodes Incorporated AP64060 Datasheet HTML 4Page - Diodes Incorporated AP64060 Datasheet HTML 5Page - Diodes Incorporated AP64060 Datasheet HTML 6Page - Diodes Incorporated AP64060 Datasheet HTML 7Page - Diodes Incorporated AP64060 Datasheet HTML 8Page - Diodes Incorporated AP64060 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
AP64060
Document number: DS44123 Rev. 2 - 2
5 of 18
www.diodes.com
August 2022
© Diodes Incorporated
AP64060
Electrical Characteristics (@ TJ = +25°C, VIN = 12V, unless otherwise specified. Min/Max limits apply across the recommended
junction temperature range, -40°C to +125°C, and input voltage range, 3.8V to 40V, unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
ISHDN
Shutdown Supply Current
VEN = 0V
—
1
10
μA
IQ
Supply Current (Quiescent)
VEN = Floating,
R2 = OPEN, No Load,
VBST - VSW = 5V
—
90
—
μA
UVLO
VIN Undervoltage Rising Threshold
—
—
4.2
4.4
V
VIN Undervoltage Hysteresis
—
—
440
—
mV
RDS(ON)1
High-Side Power MOSFET On-Resistance (Note 8)
—
—
600
—
mΩ
RDS(ON)2
Low-Side Power MOSFET On-Resistance (Note 8)
—
—
300
—
mΩ
IPEAK_LIMIT
HS Peak Current Limit (Note 8)
—
0.80
0.90
1.30
A
IVALLEY_LIMIT
LS Valley Current Limit (Note 8)
—
—
0.7
—
A
IPFMPK
PFM Peak Current Limit
VOUT = 5V, L =
10μH
—
40
—
mA
IZC
Zero Cross Current Threshold
—
—
10
—
mA
fSW
Oscillator Frequency
—
—
2
—
MHz
tON_MIN
Minimum On-Time
—
—
60
—
ns
VFB
Feedback Voltage
CCM, TJ = -40ºC to +125 ºC
784
800
816
mV
VEN_H
EN Logic High
—
—
1.21
1.25
V
VEN_L
EN Logic Low
—
1.03
1.10
—
V
tSS
Soft-Start Time
—
—
1
—
ms
TSD
Thermal Shutdown Threshold (Note 8)
—
—
170
—
°C
THys
Thermal Shutdown Hysteresis (Note 8)
—
—
35
—
°C
Note:
8. Compliance to the datasheet limits is assured by one or more methods: production test, characterization, and/or design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com