Electronic Components Datasheet Search
  English  ▼

X  

AP64060 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AP64060
Description  4.5V TO 40V INPUT, 600mA SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP64060 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AP64060 Datasheet HTML 10Page - Diodes Incorporated AP64060 Datasheet HTML 11Page - Diodes Incorporated AP64060 Datasheet HTML 12Page - Diodes Incorporated AP64060 Datasheet HTML 13Page - Diodes Incorporated AP64060 Datasheet HTML 14Page - Diodes Incorporated AP64060 Datasheet HTML 15Page - Diodes Incorporated AP64060 Datasheet HTML 16Page - Diodes Incorporated AP64060 Datasheet HTML 17Page - Diodes Incorporated AP64060 Datasheet HTML 18Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
AP64060
Document number: DS44123 Rev. 2 - 2
14 of 18
www.diodes.com
August 2022
© Diodes Incorporated
AP64060
Application Information (continued)
11
Input Capacitor
The input capacitor reduces both the surge current drawn from the input supply as well as the switching noise from the device. The input capacitor
must sustain the ripple current produced during the on-time of Q1. It must have a low ESR to minimize power dissipation due to the RMS input
current.
The RMS current rating of the input capacitor is a critical parameter and must be higher than the RMS input current. As a rule of thumb, select an
input capacitor with an RMS current rating greater than half of the maximum load current.
Due to large dI/dt through the input capacitor, electrolytic or ceramic capacitors with low ESR should be used. If using a tantalum capacitor, it must
be surge protected or else capacitor failure could occur. Using a ceramic capacitor greater than 10µF is sufficient for most applications.
12
Output Capacitor
The output capacitor keeps the output voltage ripple small, ensures feedback loop stability, and reduces both the overshoots and undershoots of
the output voltage during load transients. During the first few microseconds of an increasing load transient, the converter recognizes the change
from steady-state and enters 100% duty cycle to supply more current to the load. However, the inductor limits the change to increasing current
depending on its inductance. Therefore, the output capacitor supplies the difference in current to the load during this time. Likewise, during the first
few microseconds of a decreasing load transient, the converter recognizes the change from steady-state and sets the on-time to minimum to
reduce the current supplied to the load. However, the inductor limits the change in decreasing current as well. Therefore, the output capacitor
absorbs the excess current from the inductor during this time.
The effective output capacitance, COUT, requirements can be calculated from the equations below.
The ESR of the output capacitor dominates the output voltage ripple. The amount of ripple can be calculated by:
������������������������������������������������������������ = ∆������������ ∙ (������������������ +
������
������ ∙ ������������������ ∙ ������������������������
)
Eq. 7
An output capacitor with large capacitance and low ESR is the best option. For most applications, a 22µF to 68µF ceramic capacitor is sufficient.
To meet the load transient requirements, the calculated COUT should satisfy the following inequality:
������������������������ > ������������������ (
������ ∙ ������������������������������������
������
∆������������������������������������������������������������ ∙ ������������������������
,
������ ∙ ������������������������������������
������
∆������������������������������������������������������������������ ∙ (������������������ − ������������������������)
)
Eq. 8
Where:
ITrans is the load transient
∆VOvershoot is the maximum output overshoot voltage
∆VUndershoot is the maximum output undershoot voltage
13
Bootstrap Capacitor and Low-Dropout (LDO) Operation
To ensure proper operation, a ceramic capacitor must be connected between the BST and SW pins. A 100nF ceramic capacitor is sufficient. If the
bootstrap capacitor voltage falls below 2.3V, the boot undervoltage protection circuit turns Q2 on for 220ns to refresh the bootstrap capacitor and
raise its voltage back above 2.85V. The bootstrap capacitor voltage threshold is always maintained to ensure enough driving capability for Q1.
This operation may arise during long periods of no switching such as in PFM with light load conditions. Another event that requires the refreshing
of the bootstrap capacitor is when the input voltage drops close to the output voltage. Under this condition, the regulator enters low-dropout mode
by holding Q1 on for multiple clock cycles. To prevent the bootstrap capacitor from discharging, Q2 is forced to refresh.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com