Electronic Components Datasheet Search
  English  ▼

X  

AP64060 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP64060
Description  4.5V TO 40V INPUT, 600mA SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP64060 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP64060 Datasheet HTML 3Page - Diodes Incorporated AP64060 Datasheet HTML 4Page - Diodes Incorporated AP64060 Datasheet HTML 5Page - Diodes Incorporated AP64060 Datasheet HTML 6Page - Diodes Incorporated AP64060 Datasheet HTML 7Page - Diodes Incorporated AP64060 Datasheet HTML 8Page - Diodes Incorporated AP64060 Datasheet HTML 9Page - Diodes Incorporated AP64060 Datasheet HTML 10Page - Diodes Incorporated AP64060 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
AP64060
Document number: DS44123 Rev. 2 - 2
7 of 18
www.diodes.com
August 2022
© Diodes Incorporated
AP64060
Typical Performance Characteristics (@ TA = +25°C, VIN = 12V, VOUT = 5V, unless otherwise specified.) (continued)
Figure 10. IQ vs. Temperature
Figure 11. ISHDN vs. Temperature
Figure 12. VIN Power-On Reset and UVLO vs. Temperature
Figure 13. fSW vs. IOUT (A)
Figure 14. Output Voltage Ripple, VOUT = 5V; IOUT = 50mA
Figure 15. Output Voltage Ripple, VOUT = 5V; IOUT = 600mA
76
80
84
88
92
96
100
104
108
112
116
-50
-25
0
25
50
75
100
125
150
Temperature (
°C)
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
-50
-25
0
25
50
75
100
125
150
Temperature (
°C)
3.5
3.6
3.7
3.8
3.9
4
4.1
4.2
4.3
4.4
4.5
-50
-25
0
25
50
75
100
125
150
Temperature (
°C)
VIN Rising POR
VIN Falling UVLO
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
0.00
0.08
0.15
0.23
0.30
0.38
0.45
0.53
0.60
IOUT (A)
500ns/div
VOUT (10mV/div)
IL (100mA/div)
VSW (10V/div)
VOUT (10mV/div)
IL (500mA/div)
VSW (10V/div)
500ns/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com