Electronic Components Datasheet Search
  English  ▼

X  

AP64060 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP64060
Description  4.5V TO 40V INPUT, 600mA SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP64060 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP64060 Datasheet HTML 6Page - Diodes Incorporated AP64060 Datasheet HTML 7Page - Diodes Incorporated AP64060 Datasheet HTML 8Page - Diodes Incorporated AP64060 Datasheet HTML 9Page - Diodes Incorporated AP64060 Datasheet HTML 10Page - Diodes Incorporated AP64060 Datasheet HTML 11Page - Diodes Incorporated AP64060 Datasheet HTML 12Page - Diodes Incorporated AP64060 Datasheet HTML 13Page - Diodes Incorporated AP64060 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
AP64060
Document number: DS44123 Rev. 2 - 2
10 of 18
www.diodes.com
August 2022
© Diodes Incorporated
AP64060
Application Information
1
Pulse Width Modulation (PWM) Operation
The AP64060 device is a 4.5V-to-340V input, 600mA output, EMI friendly, fully integrated synchronous buck converter. Refer to the block diagram
in Figure 4. The device employs fixed-frequency peak current mode control. The internal 2MHz
clock’s rising edge initiates turning on the
integrated high-side power MOSFET, Q1, for each cycle. When Q1 is on, the inductor current rises linearly and the device charges the output
capacitor. The current across Q1 is sensed and converted to a voltage with a ratio of RT via the CSA block. The CSA output is combined with an
internal slope compensation, SE, resulting in VSUM. When VSUM rises higher than the COMP node, the device turns off Q1 and turns on the low-
side power MOSFET, Q2. The inductor current decreases when Q2 is on. On the rising edge of next clock cycle, Q2 turns off and Q1 turns on.
This sequence repeats every clock cycle.
The error amplifier generates the COMP voltage by comparing the voltage on the FB pin with an internal 0.8V reference. An increase in load
current causes the feedback voltage to drop. The error amplifier thus raises the COMP voltage until the average inductor current matches the
increased load current. This feedback loop regulates the output voltage. The internal slope compensation circuitry prevents subharmonic
oscillation when the duty cycle is greater than 50% for peak current mode control.
The peak current mode control, integrated loop compensation network, and built-in 4ms soft-start time simplifies the AP64060 footprint as well as
minimizes the external component count.
2
Pulse Frequency Modulation (PFM) Operation
In heavy load conditions, the AP64060 operates in forced PWM mode. As the load current decreases, the internal COMP node voltage also
decreases. At a certain limit, if the load current is low enough, the COMP node voltage is clamped and is prevented from decreasing any further.
The voltage at which COMP is clamped corresponds to the 200mA PFM peak inductor current limit. As the load current approaches zero, the
AP64060 enters PFM mode to increase the converter power efficiency at light load conditions. When the inductor current decreases to 50mA, zero
cross detection circuitry on the low-side power MOSFET, Q2, forces it off. The buck converter does not sink current from the output when the
output load is light and while the device is in PFM. Because the AP64060 works in PFM during light load conditions, it can achieve power
efficiency of up to 82% at a 5mA load condition.
The quiescent current of the AP64060 is 90
μA typical under a no-load, non-switching condition.
3
Enable
When disabled, the device shutdown supply
current is only 1μA. When applying a voltage greater than the EN logic high threshold (typical 1.21V,
rising), the AP64060 enables all functions and the device initiates the soft-start phase. The EN pin is a high-voltage pin and can be directly
connected to VIN to automatically start up the device as VIN increases. The AP64060 has a built-in 1ms soft-start time to prevent output voltage
overshoot and inrush current. When the EN voltage falls below its logic low threshold (typical 1.10V, falling), the internal SS voltage discharges to
ground and device operation disables.
The EN pin can also be used to program the undervoltage lockout thresholds. See Undervoltage Lockout (UVLO) section for more details.
4
Adjusting Undervoltage Lockout (UVLO)
Undervoltage lockout is implemented to prevent the IC from insufficient input voltages. The AP64060 device has a UVLO comparator that monitors
the input voltage and the internal bandgap reference. The AP64060 disables if the input voltage falls below 3.8V. In this UVLO event, both the
high-side and low-side power MOSFETs turn off.
For applications requiring higher VIN UVLO threshold voltages than is provided by the default setup, an external resistor R3 added in series to the
EN pin
along with an internal 480kΩ configures the VIN UVLO threshold voltages as shown in Figure 24.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com