Electronic Components Datasheet Search
  English  ▼

X  

AP64060 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP64060
Description  4.5V TO 40V INPUT, 600mA SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP64060 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP64060 Datasheet HTML 8Page - Diodes Incorporated AP64060 Datasheet HTML 9Page - Diodes Incorporated AP64060 Datasheet HTML 10Page - Diodes Incorporated AP64060 Datasheet HTML 11Page - Diodes Incorporated AP64060 Datasheet HTML 12Page - Diodes Incorporated AP64060 Datasheet HTML 13Page - Diodes Incorporated AP64060 Datasheet HTML 14Page - Diodes Incorporated AP64060 Datasheet HTML 15Page - Diodes Incorporated AP64060 Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
AP64060
Document number: DS44123 Rev. 2 - 2
12 of 18
www.diodes.com
August 2022
© Diodes Incorporated
AP64060
Application Information (continued)
8
Power Derating Characteristics
To prevent the regulator from exceeding the maximum recommended operating junction temperature, some thermal analysis is required. The
regulator’s temperature rise is given by:
������������������������������ = ������������ ∙ (������������������)
Eq. 2
Where:
PD is the power dissipated by the regulator
θJA is the thermal resistance from the junction of the die to the ambient temperature
The junction temperature, TJ, is given by:
������������ = ������������ + ������������������������������
Eq. 3
Where:
TA is the ambient temperature of the environment
For the TSOT26 package, the
θJA is 80°C/W. The actual junction temperature should not exceed the maximum recommended operating junction
temperature of 150°C when considering the thermal design. Figure 25 shows a typical derating curve versus ambient temperature.
Figure 25. Output Current Derating Curve vs. Ambient Temperature, VIN = 12V
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
0
20
40
60
80
100
120
140
160
Ambient Temperature (
°C)
VOUT = 1.2V, 1.5V, 1.8V, 2.5V, 3.3V
VOUT = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com