Electronic Components Datasheet Search
  English  ▼

X  

ISL62776IRTZ Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # ISL62776IRTZ
Description  Multiphase PWM Regulator for AMD CPUs Using SVI2
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL62776IRTZ Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button ISL62776IRTZ Datasheet HTML 26Page - Renesas Technology Corp ISL62776IRTZ Datasheet HTML 27Page - Renesas Technology Corp ISL62776IRTZ Datasheet HTML 28Page - Renesas Technology Corp ISL62776IRTZ Datasheet HTML 29Page - Renesas Technology Corp ISL62776IRTZ Datasheet HTML 30Page - Renesas Technology Corp ISL62776IRTZ Datasheet HTML 31Page - Renesas Technology Corp ISL62776IRTZ Datasheet HTML 32Page - Renesas Technology Corp ISL62776IRTZ Datasheet HTML 33Page - Renesas Technology Corp ISL62776IRTZ Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
ISL62776
5. AMD Serial VID Interface 2.0
R16DS0044EU0200 Rev.2.00
Page 30 of 49
Oct.8.20
5.6
Power States
SVI 2.0 defines two power state indicator levels, PSI0_L and PSI1L. See Table 7 for information about these
power state indicators. As processor current consumption is reduced, the power state indicator level changes to
improve VR efficiency under low power conditions.
When the Core VR is operating in 3-phase mode and PSI0_L is asserted, Channels 2 and 3 are tri-stated and
Channel 1 remains active in CCM mode. When PSI1_L is asserted, Channel 1 enters into enters Diode Emulation
Mode (DEM) to boost efficiency.
When PSI0_L is asserted for the SOC VR, the SOC regulator remains in Continuous Conduction Mode (CCM).
When PSI1_L is asserted, the SOC VR transitions to DEM to boost efficiency.
The processor can assert or deassert PSI0_L and PSI1_L out of order. PSI0_L takes priority over PSI1_L. If
PSI0_L is deasserted while PSI1_L is still asserted, the ISL62776 returns the selected VR back to full channel
CCM operation.
5.7
Dynamic Load Line Slope Trim
The ISL62776 supports the SVI 2.0 ability for the processor to manipulate the load line slope of the Core and
SOC VRs independently using the serial VID interface. The slope manipulation applies to the initial load line
slope. A load line slope trim typically coincides with a VOTF change. See Table 8 for more information about the
load line slope trim feature.
Table 6.
SVD Data Packet
Bits
Description
1:5
Always 11000b
6
Core domain selector bit. If set, the following data byte contains the VID, power state, telemetry control, load line trim, and
offset trim to apply to the Core VR.
7
SOC domain selector bit. If set, the following data byte contains the VID, power state, telemetry control, load line trim, and
offset trim to apply to the SOC VR.
8
Always 0b
9
ACK bit
10
PSI0_L
11:17
VID code bits [7:1]
18
ACK bit
19
VID code bit [0]
20
PSI1_L
21
TFN (Telemetry Functionality)
22:24
Load line slope trim
25:26
Offset trim [1:0]
27
ACK bit
Table 7.
PSI0_L and PSI1_L Definition
Function
Bit
Description
PSI0_L
10
Power State Indicate Level 0. When this signal is asserted (active Low), the processor is in a low
enough power state for the ISL62776 to boost efficiency by dropping phases and entering 1-Phase
CCM.
PSI1_L
20
Power State Indicate Level 1. When this signal is asserted (active Low), the processor is in a low
enough power state for the ISL62776 to boost efficiency by dropping phases and entering 1-Phase
DEM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com