Electronic Components Datasheet Search
  English  ▼

X  

ISL62776IRTZ Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # ISL62776IRTZ
Description  Multiphase PWM Regulator for AMD CPUs Using SVI2
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL62776IRTZ Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button ISL62776IRTZ Datasheet HTML 28Page - Renesas Technology Corp ISL62776IRTZ Datasheet HTML 29Page - Renesas Technology Corp ISL62776IRTZ Datasheet HTML 30Page - Renesas Technology Corp ISL62776IRTZ Datasheet HTML 31Page - Renesas Technology Corp ISL62776IRTZ Datasheet HTML 32Page - Renesas Technology Corp ISL62776IRTZ Datasheet HTML 33Page - Renesas Technology Corp ISL62776IRTZ Datasheet HTML 34Page - Renesas Technology Corp ISL62776IRTZ Datasheet HTML 35Page - Renesas Technology Corp ISL62776IRTZ Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
ISL62776
6. Telemetry
R16DS0044EU0200 Rev.2.00
Page 32 of 49
Oct.8.20
6.
Telemetry
The ISL62776 can provide voltage and current information to the AMD processor through the telemetry system
outlined by the AMD SVI 2.0 specification. The telemetry data is transmitted through the SVC and SVT lines of the
SVI 2.0 interface.
Current telemetry is based on a voltage generated across the recommended 133kΩ resistor placed from the
IMON pin to GND. The current flowing out of the IMON pin is proportional to the load current in the VR. The Isum
current defined in Voltage Regulation and Load Line Implementation provides the base conversion from the load
current to the Isum current created by the internal amplifier. The Isum current is then divided down by a factor of 4
to create the IMON current, which flows out of the IMON pin. The Isum current measures 36µA when the load
current is at full load based on a droop current designed for 45µA at the same load current. The difference
between the Isum current and the droop current is provided in Equation 2. The IMON current measures 11.25µA at
full load current for the VR and the IMON voltage is 1.2V. The load percentage reported by the IC is based on the
this voltage. When the load is 25% of the full load, the voltage on the IMON pin is 25% of 1.2V or 0.3V.
The SVI interface allows the selection of no telemetry, voltage only, or voltage and current telemetry on either or
both of the VR outputs. The processor uses the TFN bit and the Core and SOC domain selector bits to change the
telemetry functionality. See Table 10 for more information.
Table 10. TFN Truth Table
TFN, Core, SOC
Bits [21, 6, 7]
Description
1, 0, 1
Telemetry is in voltage and current mode, so the voltage and current are sent for the VDD and VDDSOC
domains by the controller.
1, 0, 0
Telemetry is in voltage mode only. The controller sends only the voltage of VDD and VDDSOC domains.
1, 1, 0
Telemetry is disabled.
1, 1, 1
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com