Electronic Components Datasheet Search
  English  ▼

X  

ISL62776IRTZ Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # ISL62776IRTZ
Description  Multiphase PWM Regulator for AMD CPUs Using SVI2
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL62776IRTZ Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button ISL62776IRTZ Datasheet HTML 42Page - Renesas Technology Corp ISL62776IRTZ Datasheet HTML 43Page - Renesas Technology Corp ISL62776IRTZ Datasheet HTML 44Page - Renesas Technology Corp ISL62776IRTZ Datasheet HTML 45Page - Renesas Technology Corp ISL62776IRTZ Datasheet HTML 46Page - Renesas Technology Corp ISL62776IRTZ Datasheet HTML 47Page - Renesas Technology Corp ISL62776IRTZ Datasheet HTML 48Page - Renesas Technology Corp ISL62776IRTZ Datasheet HTML 49Page - Renesas Technology Corp ISL62776IRTZ Datasheet HTML 50Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 49 / 50 page
background image
ISL62776
11. Package Outline Drawing
R16DS0044EU0200 Rev.2.00
Page 49 of 49
Oct.8.20
11. Package Outline Drawing
L40.5x5
40 LEAD THIN QUAD FLAT NO-LEAD PLASTIC PACKAGE
Rev 2, 7/14
TYPICAL RECOMMENDED LAND PATTERN
DETAIL "X"
TOP VIEW
BOTTOM VIEW
SIDE VIEW
located within the zone indicated. The pin #1 identifier may be
Unless otherwise specified, tolerance: Decimal ± 0.05
Tiebar shown (if present) is a non-functional feature.
The configuration of the pin #1 identifier is optional, but must be
between 0.15mm and 0.27mm from the terminal tip.
Dimension b applies to the metallized terminal and is measured
Dimensions in (
) for Reference Only.
Dimensioning and tolerancing conform to AMSE Y14.5m-1994.
6.
either a mold or mark feature.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
(40x0.60)
0.00 MIN
0.05 MAX
(4X)
0.15
INDEX AREA
PIN 1
PIN #1 INDEX AREA
C
SEATING PLANE
BASE PLANE
0.08
SEE DETAIL “X”
C
C
5
6
A
B
B
0.10 M
A
C
C
0.10
//
0.40
4x3.60
36x0.40
0.20
40x0.4 ± 0.1
0.750 ± 0.10
0.050
0.2 REF
(40x0.20)
(36x0.40)
b
PACKAGE OUTLINE
JEDEC reference drawing: MO-220WHHE-1
7.
6
4
5.00 ± 0.05
For the most recent package outline drawing, see L40.5x5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com