Electronic Components Datasheet Search
  English  ▼

X  

ISL62776IRTZ Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ISL62776IRTZ
Description  Multiphase PWM Regulator for AMD CPUs Using SVI2
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL62776IRTZ Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL62776IRTZ Datasheet HTML 10Page - Renesas Technology Corp ISL62776IRTZ Datasheet HTML 11Page - Renesas Technology Corp ISL62776IRTZ Datasheet HTML 12Page - Renesas Technology Corp ISL62776IRTZ Datasheet HTML 13Page - Renesas Technology Corp ISL62776IRTZ Datasheet HTML 14Page - Renesas Technology Corp ISL62776IRTZ Datasheet HTML 15Page - Renesas Technology Corp ISL62776IRTZ Datasheet HTML 16Page - Renesas Technology Corp ISL62776IRTZ Datasheet HTML 17Page - Renesas Technology Corp ISL62776IRTZ Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
ISL62776
3. Theory of Operation
R16DS0044EU0200 Rev.2.00
Page 14 of 49
Oct.8.20
Each slave circuit has its own ripple capacitor Crs; whose voltage mimics the inductor ripple current. A gm
amplifier converts the inductor voltage into a current source to charge and discharge Crs. The slave circuit turns
on its PWM pulse when it receives the clock signal and the current source charges Crs. When the Crs voltage VCrs
reaches VW, the slave circuit turns off the PWM pulse and the current source discharges Crs.
Because the controller works with VCrs, which is a large amplitude and noise-free synthesized signal, it achieves
lower phase jitter than conventional hysteretic mode and fixed PWM mode controllers. Unlike conventional
hysteretic mode converters, the error amplifier allows the ISL62776 to maintain a 0.5% output voltage accuracy.
Figure 8 shows the operational principles during load insertion response. The COMP voltage rises during load
insertion, quickly generating the master clock signal, so the PWM pulses turn on earlier to increase the effective
switching frequency, allowing for higher control loop bandwidth than conventional fixed frequency PWM
controllers. The VW voltage rises as the COMP voltage rises, making the PWM pulses wider. During load release
response, the COMP voltage falls. The master clock circuit takes longer to generate the next master clock signal
so the PWM pulse is held off until needed. The VW voltage falls as the COMP voltage falls, reducing the current
PWM pulse-width. This behavior gives the ISL62776 excellent response speed.
All the phases share the same VW window voltage, ensuring excellent dynamic current balance among phases.
Figure 7. R3 Modulator Operational Principles in Steady State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com