Electronic Components Datasheet Search
  English  ▼

X  

ISL62776IRTZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL62776IRTZ
Description  Multiphase PWM Regulator for AMD CPUs Using SVI2
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL62776IRTZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL62776IRTZ Datasheet HTML 9Page - Renesas Technology Corp ISL62776IRTZ Datasheet HTML 10Page - Renesas Technology Corp ISL62776IRTZ Datasheet HTML 11Page - Renesas Technology Corp ISL62776IRTZ Datasheet HTML 12Page - Renesas Technology Corp ISL62776IRTZ Datasheet HTML 13Page - Renesas Technology Corp ISL62776IRTZ Datasheet HTML 14Page - Renesas Technology Corp ISL62776IRTZ Datasheet HTML 15Page - Renesas Technology Corp ISL62776IRTZ Datasheet HTML 16Page - Renesas Technology Corp ISL62776IRTZ Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
ISL62776
3. Theory of Operation
R16DS0044EU0200 Rev.2.00
Page 13 of 49
Oct.8.20
3.
Theory of Operation
3.1
Multiphase R3 Modulator
The ISL62776 is a multiphase regulator that implements two voltage regulators, Core VR and SOC VR, on one
chip controlled by AMD’s SVI 2.0 protocol. The Core VR can be programmed for 1-, 2-, 3-, or 4-phase operation.
The SOC VR is a 1-phase regulator. Both regulators use the Renesas proprietary R3 (Robust Ripple Regulator)
modulator. The R3 modulator combines the best features of PWM, such as fixed frequency and hysteretic, and
eliminates many of its shortcomings. Figure 6 conceptually shows the multiphase R3 modulator circuit and Figure 7
shows the operational principles.
Inside the IC, the modulator uses the master clock circuit to generate the clocks for slave circuits. The modulator
discharges the ripple capacitor Crm with a current source equal to gmVo, where gm is a gain factor. The Crm
voltage, VCRM, is a sawtooth waveform traversing between the VW and COMP voltages. The Crm voltage resets
to VW when it reaches COMP and generates a one-shot master clock signal. A phase sequencer distributes the
master clock signal to the slave circuits.
• If the Core VR is in 3-phase mode, the master clock signal is distributed to the three phases and the Clock1
through Clock3 signals are 120 degrees out-of-phase
• If the Core VR is in 2-phase mode, the master clock signal is distributed to Phases 1 and 2 and the Clock1 and
Clock2 signals are 180 degrees out-of-phase
• If the Core VR is in 1-phase mode, the master clock signal is distributed to Phase 1 only and is the Clock1
signal
Figure 6. R3 Modulator Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com