Electronic Components Datasheet Search
  English  ▼

X  

ADM3095EARZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADM3095EARZ
Description  Level 4 EMC Protected RS-485 Transceiver with Full ±42 V Fault Protection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3095EARZ Datasheet(HTML) 4 Page - Analog Devices

  ADM3095EARZ Datasheet HTML 1Page - Analog Devices ADM3095EARZ Datasheet HTML 2Page - Analog Devices ADM3095EARZ Datasheet HTML 3Page - Analog Devices ADM3095EARZ Datasheet HTML 4Page - Analog Devices ADM3095EARZ Datasheet HTML 5Page - Analog Devices ADM3095EARZ Datasheet HTML 6Page - Analog Devices ADM3095EARZ Datasheet HTML 7Page - Analog Devices ADM3095EARZ Datasheet HTML 8Page - Analog Devices ADM3095EARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
ADM3095E
Data Sheet
Rev. C | Page 4 of 19
TIMING SPECIFICATIONS
VCC = 3.0 V to 5.5 V, VIO = 1.62 V to VCC, TA = TMIN (−40°C), to TMAX (125°C), unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DRIVER
Data Rate
2.5
Mbps
Propagation Delay (tPLH, tPHL)
35
500
ns
RLDIFF = 54 Ω, CL1 = CL2 = 100 pF; see Figure 2 and Figure 27
Differential Skew (tSKEW)
10
50
ns
RLDIFF = 54 Ω, CL1 = CL2 = 100 pF; see Figure 2 and Figure 27
Rise/Fall Times (tR, tF)
40
130
ns
RLDIFF = 54 Ω, CL1 = CL2 = 100 pF; see Figure 2 and Figure 27
Enable Time (tZH, tZL)
500
2500
ns
RL = 110 Ω, CL = 50 pF, see Figure 4 and Figure 28
Disable Time (tHZ, tLZ)
500
2500
ns
RL = 110 Ω, CL = 50 pF, see Figure 4 and Figure 28
Enable Time from Shutdown
4000
5500
ns
RL = 110 Ω, CL = 50 pF, see Figure 4 and Figure 28
RECEIVER
Propagation Delay (tPLH, tPHL)
120
200
ns
CL = +15 pF, VID1 ≥ ±1.5 V; see Figure 3 and Figure 29
140
220
ns
CL = +15 pF, VID1 ≥ ±600 mV; see Figure 3 and Figure 29
Skew (tSKEW)
4
40
ns
CL = +15 pF, VID1 ≥ ±1.5 V; see Figure 3 and Figure 29
Enable Time
12
55
ns
RL = 1 kΩ, CL = 15 pF; see Figure 5 and Figure 30
Disable Time
12
55
ns
RL = 1 kΩ, CL = 15 pF; see Figure 5 and Figure 30
Enable Time from Shutdown
3000
4500
ns
RL = 1 kΩ, CL = 15 pF; see Figure 5 and Figure 30
Time to Shutdown
50
330
3000
ns
RL = 1 kΩ, CL = 15 pF; see Figure 5 and Figure 30
Rx, Pulse Width Distortion
40
ns
CL = +15 pF, VID1 ≥ ±1.5 V; see Figure 3 and Figure 29
1
VID is the input differential voltage to the RS-485 receiver.
TIMING DIAGRAMS
VIO
TxD
VDIFF
0V
VOD
+VOD
–VOD
A
B
VO
tDR
tDF
tPLH
tPHL
90% POINT
10% POINT
90% POINT
10% POINT
VDIFF = (VA) – (VB)
1/2VOD
1/2VIO
1/2VIO
NOTES
1. VOD IS THE DIFFERENCE BETWEEN A AND B,
WITH +VOD BEING THE MAXIMUM POINT OF VOD,
AND –VOD BEING THE MINIMUM POINT OF VOD.
Figure 2. Driver Propagation Delay, Rise/Fall Timing Diagram
1/2VIO
1/2VIO
tPLH
tPHL
RxD
VOH
0V
A – B
0V
VOL
tSKEW = |tPLH – tPHL|
Figure 3. Receiver Propagation Delay Timing Diagram
A OR B
A OR B
DE
VIO
0V
0V
VOH
VOL
1/2VIO
1/2VIO
1/2VCC
1/2VCC
tLZ
tZL
tHZ
tZH
VOL + 0.5V
VOH – 0.5V
Figure 4. Driver Enable/Disable Timing Diagram
RxD
RxD
RE
VIO
0V
0V
1/2VIO
1/2VIO
OUTPUT HIGH
OUTPUT LOW
tLZ
tZL
tHZ
tZH
VOL + 0.5V
VOH – 0.5V
VOH
VOL
1/2VIO
1/2VIO
Figure 5. Receiver Enable/Disable Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com