Electronic Components Datasheet Search
  English  ▼

X  

ADM3095EARZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADM3095EARZ
Description  Level 4 EMC Protected RS-485 Transceiver with Full ±42 V Fault Protection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3095EARZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADM3095EARZ Datasheet HTML 9Page - Analog Devices ADM3095EARZ Datasheet HTML 10Page - Analog Devices ADM3095EARZ Datasheet HTML 11Page - Analog Devices ADM3095EARZ Datasheet HTML 12Page - Analog Devices ADM3095EARZ Datasheet HTML 13Page - Analog Devices ADM3095EARZ Datasheet HTML 14Page - Analog Devices ADM3095EARZ Datasheet HTML 15Page - Analog Devices ADM3095EARZ Datasheet HTML 16Page - Analog Devices ADM3095EARZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Data Sheet
ADM3095E
Rev. C | Page 13 of 19
Figure 33 shows the 8 kV contact discharge current waveform
as described in the Specifications section. Some of the key
waveform parameters are rise times of less than 1 ns and pulse
widths of approximately 60 ns.
tR = 0.7ns TO 1ns
IPEAK
I30ns
I60ns
30A
90%
16A
8A
10%
30ns
60ns
TIME
Figure 33. IEC 61000-4-2 ESD Waveform (8 kV)
Figure 34 shows the 8 kV contact discharge current waveform
from the IEC 61000-4-2 standard compared to the hHBM ESD
8 kV waveform. The two standards specify a different waveform
shape and peak current. The peak current associated with an
IEC 61000-4-2 8 kV pulse is 30 A, while the corresponding
peak current for HBM ESD is more than five times less at 5.33
A. The other difference is the rise time of the initial voltage
spike, with IEC 61000-4-2 ESD having a much faster rise time
of 1 ns, compared to the 10 ns associated with the HBM ESD
waveform. The amount of power associated with an IEC 61000-
4-2 ESD waveform is much greater than that of an HBM ESD
waveform (see Figure 34).
tR = 0.7ns TO 1ns
IPEAK
I30ns
I60ns
30A
90%
16A
8A
5.33A
10%
30ns
10ns
60ns
TIME
IEC 61000-4-2 ESD 8kV
HBM ESD 8kV
Figure 34. IEC 61000-4-2 ESD Waveform (8 kV) compared to the HBM ESD
Waveform (8 kV)
These factors combined mean that it is strongly recommended for
system designers to choose devices such as the ADM3095E with
IEC 61000-4-2 ESD ratings for operation in harsh environments,
rather than some competitive devices, which state varying levels
of HBM ESD protection. Table 7 summarizes the IEC 61000-4-2
ESD certified test results. Testing was performed in normal trans-
ceiver operation with the ADM3095E clocking data at 2.0 Mbps
See Figure 35 for the IEC 61000-4-2 ESD testing diagram.
Table 7. IEC 61000-4-2 Certified Test Results
ESD Gun
Connected to
IEC 61000-4-2 Test Result
Certified Result
GND
±15 kV (air), ±8 kV (contact),
Level 4 protection
Yes
R
D
RxD
RE
DE
TxD
A
B
VCC
ADM3095E
EMC
TRANSIENT
PROTECTION
CIRCUIT
GND
VIO
LEVEL
TRANSLATOR
IEC ESD
GUN
Figure 35. IEC 61000-4-2 ESD Testing Diagram
Electrical Fast Transients (EFT)
EFT testing involves coupling a number of extremely fast transient
impulses onto the signal lines to represent transient disturbances
associated with external switching circuits that are capacitively
coupled onto the communication ports, which can include relay
and switch contact bounce or transients originating from the
switching of inductive or capacitive loads—all of which are very
common in industrial environments. The EFT test defined in
IEC 61000-4-4 attempts to simulate the interference resulting from
these types of events.
Figure 36 shows the EFT 50 Ω load waveform. The EFT waveform
is described in terms of a voltage across 50 Ω impedance from a
generator with 50 Ω output impedance. The output waveform
consists of a 15 ms burst of 2.5 kHz to 5 kHz high voltage transients
repeated at 300 ms intervals (see Figure 36). Each individual pulse
has a rise time of 5 ns and pulse duration of 50 ns, measured
between the 50% point on the rising and falling edges of the
waveform.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com