Electronic Components Datasheet Search
  English  ▼

X  

ADM3095EARZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADM3095EARZ
Description  Level 4 EMC Protected RS-485 Transceiver with Full ±42 V Fault Protection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3095EARZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADM3095EARZ Datasheet HTML 8Page - Analog Devices ADM3095EARZ Datasheet HTML 9Page - Analog Devices ADM3095EARZ Datasheet HTML 10Page - Analog Devices ADM3095EARZ Datasheet HTML 11Page - Analog Devices ADM3095EARZ Datasheet HTML 12Page - Analog Devices ADM3095EARZ Datasheet HTML 13Page - Analog Devices ADM3095EARZ Datasheet HTML 14Page - Analog Devices ADM3095EARZ Datasheet HTML 15Page - Analog Devices ADM3095EARZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
ADM3095E
Data Sheet
Rev. C | Page 12 of 19
Miswiring protection is guaranteed on the ADM3095E RS-485
bus A and B pins and during a hot swap of connectors to the bus
pins. Table 6 provides a summary of the high voltage miswire
protection offered by the ADM3095E. The ADM3095E is tested
with ±42 V dc and to ±24 V ±20% rms, 50 Hz or 60 Hz with
both a hot plug and dc ramp test waveforms. The test is
performed in both powered and unpowered power supply cases
and at a range of different states for the RS-485 TxD input and
DE/RE enable pins. The RS-485 bus pins survive a high voltage
miswire from Pin A to GND, from Pin B to GND, and between
Pin A and Pin B.
Table 6. High Voltage Miswire Protection
Supply1
Inputs2
Miswire Protection at
RS-485 Output Pins3, 4
VCC
VIO
DE
RE
TxD
X
X
H/L
H/L
H/L
−42 V dc ≤ VA ≤ +42 V dc
X
X
H/L
H/L
H/L
−42 V dc ≤ VB ≤ +42 V dc
X
X
H/L
H/L
H/L
−42 V ac ≤ VA ≤ +42 V ac
X
X
H/L
H/L
H/L
−42 V ac ≤ VB ≤ +42 V ac
1
X means on or off power supply state.
2
H means high level for the logic pin; L means low level for the logic pin.
3
This is the ac/dc peak miswire voltage between Pin A and GND, Pin B and
GND, or between Pin A and Pin B.
4
VA refers to the voltage on Pin A and VB refers to the voltage on Pin B.
RS-485 NETWORK BIASING AND TERMINATION
For a high voltage miswire on the RS-485 A and B bus pins with
biasing and termination resistors installed, there is a current
path through the biasing network to the ADM3095E power
supply VCC pin. To protect the ADM3095E for this scenario the
device has an integrated VCC protection circuit, meaning the
current path through the R1 pull-up resistor (see Figure 32)
does not cause damage to the VCC pin, although the pull-up
resistor can be damaged if not appropriately power rated. The
R1 pull-up resistor power rating depends on the miswire
voltage and the resistance value.
For the scenario where there is a miswire between the A and B
pins, the ADM3095E bus setup (see Figure 32) is protected, but
the RT bus termination resistor is damaged if not appropriately
power rated. The RT termination resistor power rating depends
on the miswire voltage and the resistance value.
R2
390Ω
RT
220Ω
R1
390Ω
A
B
VCC
R
D
RxD
RE
DE
TxD
A
B
VCC
ADM3095E
EMC
TRANSIENT
PROTECTION
CIRCUIT
GND
GND
VIO
LEVEL
TRANSLATOR
Figure 32. High Voltage Miswiring Protection for the ADM3095E with Bus
Termination and Biasing Resistors
IEC ESD, EFT, AND SURGE PROTECTION
Electrical and electronic equipment must be designed to meet
system level IEC standards. The following are example system
level IEC standards:
•
IEC 61131-2—process control and automation
•
IEC 61800-3—motor control
•
IEC 60730-1—building automation
For data communication lines, these system level standards
specify varying levels of protection against the following three
types of high voltage transients:
•
IEC 61000-4-2 ESD
•
IEC 61000-4-4 EFT
•
IEC 61000-4-5 surge
Each of these specifications defines a test method to assess the
immunity of electronic and electrical equipment against the
defined phenomenon. The following sections summarize each
of these tests. The ADM3095E is fully tested in accordance with
these IEC EMC specifications and is certified EMC compliant.
Electrostatic Discharge (ESD)
ESD is the sudden transfer of electrostatic charge between bodies at
different potentials caused by near contact or induced by an electric
field. ESD has the characteristics of high current in a short time
period. The primary purpose of the IEC 61000-4-2 test is to
determine the immunity of systems to external ESD events outside
the system during operation. IEC 61000-4-2 describes testing using
two coupling methods, known as contact discharge and air gap
discharge.
Contact discharge implies a direct contact between the discharge
gun and the equipment under test (EUT). During air gap discharge
testing, the charged electrode of the discharge gun moves toward
the EUT until a discharge occurs as an arc across the air gap.
The discharge gun does not make direct contact with the EUT.
A number of factors affect the results and repeatability of the air
gap discharge test, including humidity, temperature, barometric
pressure, distance, and rate of approach to the EUT. This method is
a better representation of an actual ESD event but is not as
repeatable. Therefore, contact discharge is the preferred test
method.
During testing, the data port is subjected to at least 10 positive
and 10 negative single discharges with a one second interval
between each pulse. Selection of the test voltage is dependent on
the system end environment.
The ADM3095E is robust to IEC 61000-4-2 events and passes
the highest level recognized in the standard Level 4, which
defines a contact discharge voltage of ±8 kV and an air gap
discharge voltage of ±15 kV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com